| Electronic Components Datasheet Search |
|
REF3440QDBVRQ1 Datasheet(PDF) 6 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
REF3440QDBVRQ1 Datasheet(HTML) 6 Page - Texas Instruments |
|
6 / 38 page ![]() At VIN = VOUT + VDO, COUT = 10 µF, CIN = 0.1 µF, IL = 0 mA, minimum and maximum specifications at TA = –40℃ to 125℃; Typical specifications at TA = 25℃ unless otherwise noted PARAMETER TEST CONDITION MIN TYP MAX UNIT OUTPUT VOLTAGE VOUT Output voltage REF3425Q1 2.5 V REF3430Q1 3.0 REF3433Q1 3.3 REF3440Q1 4.096 REF3450Q1 5.0 POWER SUPPLY VIN Input voltage VOUT + V DO 12 V IL Output current capacity VIN = VOUT + VDO to 12 V –10 10 mA IQ Quiescent current Active mode 72 95 µA Shutdown mode (7) 2.5 3 VDO Dropout voltage IL = 0 mA 50 mV IL = 0 mA 100 IL = 10 mA 500 VEN ENABLE pin voltage (7) Voltage reference in active mode (EN = 1) 1.6 V Voltage reference in shutdown mode (EN = 0) 0.5 IEN ENABLE pin leakage current (7) VEN = VIN = 12V 1 2 µA ISC Short circuit current VOUT = 0 V at TA = 25°C 18 22 mA (1) Temperature drift is specified according to the box method. See Low Temperature Drift section for more details. (2) VDO for line regulation test is 50 mV. (3) VDO for load regulation test is 500 mV. (4) The peak-to-peak noise measurement is explained in more detail in section Noise Performance. (5) Long-term stability measurement procedure is explained in more detail in section Long–Term Stability. (6) Thermal hysteresis measurement procedure is explained in more detail in section Thermal Hysteresis. (7) Not applicable for REF34S device (DBV - 5 pin package) REF34-Q1 SBAS901C – JULY 2018 – REVISED OCTOBER 2020 www.ti.com 6 Submit Document Feedback Copyright © 2020 Texas Instruments Incorporated Product Folder Links: REF34-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |