| Electronic Components Datasheet Search |
|
REF3450QDBVRQ1 Datasheet(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
REF3450QDBVRQ1 Datasheet(HTML) 21 Page - Texas Instruments |
|
21 / 38 page ![]() 11.2.2 Advanced Driver Assistance Systems (ADAS) Microcontroller Connection 11.2.2.1 Basic Voltage Reference Connection The circuit shown in Figure 11-4 shows the basic configuration for the REF34-Q1 references. REF3425-Q1 OUT 2.5V VREF IN GND ADS7828-Q1 AIN0 AIN1 VREF+ VREF- VDD 3V VDD AIN2 AIN3 TDA2 (MCU) I2C 3.3V VDD I2C GPIOx VDD Copyright © 2017, Texas Instruments Incorporated EN GPIO0 Figure 11-4. ADAS Microcontroller Application 11.2.2.2 Design Requirements In ADAS applications it is common to use an ADC with a MCU to monitor the voltage rails to the MCU/DSP/ FPGAs. In figure Figure 11-4 the automotive TI Jacinto™ TDA2 MCU is using a ADS7828-Q1 to monitor several analog input signals and in ADAS these signals will be the system power rails. It is important to monitor these power rails because tighter rail requirements allow for further system monitoring and optimization. The REF3425-Q1 is used in this application to provide the precise voltage reference signal. In these systems it is not typical to have calibration and such the most precise low power voltage reference is necessary to be able to measure down to 1% accuracy on key power rails. For this design example, use the parameters listed in Table 11-3 as the input parameters and desired output parameters. Table 11-3. Typical Core Voltage Rail Monitoring SPECIFICATION REQUIREMENT Input Voltage VIN 3V Output Voltage 2.5V Voltage Power Rail 1V Max Error on Voltage Power Rail 1% Temperature Range -40°C to 125°C 11.2.2.3 Detailed Design Procedure It is important to keep track of the error margin in this system to make sure that the total error of the voltage reference and ADC are less than the maximum 1% error allowed. To calculate the total RSS error of a voltage reference use Equation 5. 2 2 2 2 2 VREF Total Error Accuracy TempCo TempHyst LongTerm Drift 1/ f Noise (5) www.ti.com REF34-Q1 SBAS901C – JULY 2018 – REVISED OCTOBER 2020 Copyright © 2020 Texas Instruments Incorporated Submit Document Feedback 21 Product Folder Links: REF34-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |