Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1645 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # B1645
Description  Silicon PNP triple diffusion planar type Darlington(For power amplification)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

B1645 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  B1645 Datasheet HTML 1Page - Panasonic Semiconductor B1645 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2SB1645
Power Transistors
2
PC  Ta
Area of safe operation (ASO)
0
80
60
20
100
120
0
20
40
60
80 100 120 140 160
(1)
(2)
40
(3)
(1) TC
= T
a
(2) With a 100
× 100 × 2 mm3
Al heat sink
(3) Without heat sink
Ambient temperature T
a (°C)
− 0.001
−1
− 0.01
− 0.1
−1
−10
−10
−100
−1 000
−100
ICP
IC
t
= 1 s
t
= 10 ms
t
= 1 ms
Non repetitive pulse
TC
= 25°C
Collector to emitter voltage V
CE (V)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com