Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV6742IDDFR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLV6742IDDFR
Description  TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV6742IDDFR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV6742IDDFR Datasheet HTML 17Page - Texas Instruments TLV6742IDDFR Datasheet HTML 18Page - Texas Instruments TLV6742IDDFR Datasheet HTML 19Page - Texas Instruments TLV6742IDDFR Datasheet HTML 20Page - Texas Instruments TLV6742IDDFR Datasheet HTML 21Page - Texas Instruments TLV6742IDDFR Datasheet HTML 22Page - Texas Instruments TLV6742IDDFR Datasheet HTML 23Page - Texas Instruments TLV6742IDDFR Datasheet HTML 24Page - Texas Instruments TLV6742IDDFR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
Frequency (Hz)
1
2
3
5
7
10
20
30
50
70
100
10
100
1k
10k
100k
D012
Time (1 s/div)
D011
VCM (V)
-3 -2.5 -2 -1.5 -1 -0.5
0
0.5
1
1.5
2
2.5
3
-50
-40
-30
-20
-10
0
10
20
30
40
50
D009
IB-
IB+
IOS
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
-40
0
40
80
120
160
200
240
280
320
D010
IB-
IB+
IOS
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
-300
-240
-180
-120
-60
0
60
120
180
240
300
D008
Input Common Mode Voltage (V)
1.8
1.9
2
2.1
2.2
2.3
2.4
-4000
-3000
-2000
-1000
0
1000
2000
3000
4000
D007
21
TLV6741, TLV6742
www.ti.com
SBOS817G – JUNE 2017 – REVISED APRIL 2020
Product Folder Links: TLV6741 TLV6742
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
TLV6742: Typical Characteristics (continued)
at TA = 25°C, VS = ±2.75 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2, unless otherwise noted.
Figure 45. Offset Voltage vs Common-Mode Voltage
(Transition Region)
Figure 46. Offset Voltage vs Power Supply
Figure 47. IB and IOS vs Common-Mode Voltage
Figure 48. IB and IOS vs Temperature
Figure 49. 0.1-Hz to 10-Hz Flicker Noise
Figure 50. Input Voltage Noise Spectral Density vs
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com