Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLAS3799 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NLAS3799
Description  Dual DPDT Ultra?묹ow RON Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS3799 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NLAS3799 Datasheet HTML 2Page - ON Semiconductor NLAS3799 Datasheet HTML 3Page - ON Semiconductor NLAS3799 Datasheet HTML 4Page - ON Semiconductor NLAS3799 Datasheet HTML 5Page - ON Semiconductor NLAS3799 Datasheet HTML 6Page - ON Semiconductor NLAS3799 Datasheet HTML 7Page - ON Semiconductor NLAS3799 Datasheet HTML 8Page - ON Semiconductor NLAS3799 Datasheet HTML 9Page - ON Semiconductor NLAS3799 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
NLAS3799, NLAS3799L
http://onsemi.com
6
NLAS3799/NLAS3799L AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
Symbol
Parameter
Test Conditions
VCC
(V)
VIS
(V)
Guaranteed Maximum Limit
Unit
25
°C
−40
°C to
+85
°C
Min
Typ*
Max
Min
Max
tON
Turn−On Time
RL = 50 W, CL = 35 pF
(Figures 3 and 4)
2.3 − 3.6
1.5
50
60
ns
tOFF
Turn−Off Time
RL = 50 W, CL = 35 pF
(Figures 3 and 4)
2.3 − 3.6
1.5
30
40
ns
tBBM
Minimum Break−Before−Make Time
VIS = 3.0
RL = 50 W, CL = 35 pF
(Figure 2)
3.0
1.5
2
15
ns
Typical @ 25, VCC = 3.6 V
CIN
Control Pin Input Capacitance
3.0
pF
CSN
SN Port Capacitance
72
pF
CD
D Port Capacitance When Switch is Enabled
220
pF
*Typical Characteristics are at 25
°C.
ADDITIONAL APPLICATION CHARACTERISTICS (Voltages Referenced to GND Unless Noted)
Symbol
Parameter
Condition
VCC
(V)
25
°C
Unit
Typical
BW
Maximum On−Channel −3 dB
Bandwidth or Minimum
Frequency Response (Figure 9)
VIN centered between VCC and GND
(Figure 5)
1.65 − 3.6
19
MHz
VONL
Maximum Feed−through On Loss
VIN = 0 dBm @ 100 kHz to 50 MHz
VIN centered between VCC and GND (Figure 5)
1.65 − 3.6
−0.06
dB
VISO
Off−Channel Isolation
f = 100 kHz; VIS = 1 V RMS; CL = 5.0 pF
VIN centered between VCC and GND(Figure 5)
1.65 − 3.6
−69
dB
Q
Charge Injection Select Input to
Common I/O (Figure 8)
VIN = VCC to GND, RIS = 0 W, CL = 1.0 nF
Q = CL x DVOUT (Figure 6)
1.65 − 3.6
42
pC
THD
Total Harmonic Distortion
THD + Noise (Figure 7)
FIS = 20 Hz to 20 kHz, RL = Rgen = 600 W, CL = 50 pF
VIS = 2 VPP
3.0
0.11
%
VCT
Channel−to−Channel Crosstalk
(Figure 10)
f = 100 kHz; VIS = 1.0 V RMS, CL = 5.0 pF, RL = 50 W
VIN centered between VCC and GND (Figure 5)
1.65 − 3.6
−90
dB
10. Off−Channel Isolation = 20log10 (VCOM/VNO), VCOM = output, VNO = input to off switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com