Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XIO2000AZZZ Datasheet(PDF) 97 Page - Texas Instruments

Part # XIO2000AZZZ
Description  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AZZZ Datasheet(HTML) 97 Page - Texas Instruments

Back Button XIO2000AZZZ Datasheet HTML 93Page - Texas Instruments XIO2000AZZZ Datasheet HTML 94Page - Texas Instruments XIO2000AZZZ Datasheet HTML 95Page - Texas Instruments XIO2000AZZZ Datasheet HTML 96Page - Texas Instruments XIO2000AZZZ Datasheet HTML 97Page - Texas Instruments XIO2000AZZZ Datasheet HTML 98Page - Texas Instruments XIO2000AZZZ Datasheet HTML 99Page - Texas Instruments XIO2000AZZZ Datasheet HTML 100Page - Texas Instruments XIO2000AZZZ Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 165 page
background image
Classic PCI Configuration Space
88
April 2007 Revised October 2008
SCPS155C
4.68 Clock Run Status Register
The clock run status register indicates the state of the PCI clock-run features in the bridge. See Table 4−42
for a complete description of the register contents.
PCI register offset:
DAh
Register type:
Read-only
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
Table 4−42. Clock Run Status Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
7:1
RSVD
R
Reserved. Returns 000 0000b when read.
0†
SEC_CLK_STATUS
RU
Secondary clock status. This bit indicates the status of the PCI bus secondary clock outputs.
0 = Secondary clock running
1 = Secondary clock stopped
† This bit is reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com