Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSSC3170 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ZSSC3170
Description  Automotive Sensor Signal Conditioner with LIN and PWM Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3170 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ZSSC3170 Datasheet HTML 19Page - Renesas Technology Corp ZSSC3170 Datasheet HTML 20Page - Renesas Technology Corp ZSSC3170 Datasheet HTML 21Page - Renesas Technology Corp ZSSC3170 Datasheet HTML 22Page - Renesas Technology Corp ZSSC3170 Datasheet HTML 23Page - Renesas Technology Corp ZSSC3170 Datasheet HTML 24Page - Renesas Technology Corp ZSSC3170 Datasheet HTML 25Page - Renesas Technology Corp ZSSC3170 Datasheet HTML 26Page - Renesas Technology Corp ZSSC3170 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
ZSSC3170 Datasheet
© 2016 Integrated Device Technology, Inc.
23
May 30, 2016
Figure 3.3
Application Circuit in LIN Mode
Sensor
Bridge
SDA SCL VDD
VBAT
D1
GND
LIN
ZSSC3170 Application Circuit
LIN Mode
n.c.
n.c.
ZSSC3170 Die
C3
220pF
R1 10
Ω
C2
220nF
C1
100nF
Temperature
Sensor
3.2
Dimensioning of External Components
For application circuits, refer to Figure 3.1, Figure 3.2, and Figure 3.3.
Table 3.1
Dimensioning of External Components for Application Examples
No.
Component
Symbol
Condition
Min
Typ
Max
Unit
3.2.1
Capacitor
C1
All modes
100
nF
3.2.2
Capacitor
C2
HSS
470
nF
3.2.3
Capacitor
C2
LSS, LIN
220
nF
3.2.4
Capacitor
C3
HSS
4.7
nF
3.2.5
Capacitor
C3
LSS
2.2
nF
3.2.6
Capacitor
C3
LIN
220
pF
3.2.7
Resistor
R1
LIN
10
W
3.2.8
Resistor
R1
LSS, HSS
27
W
3.2.9
Diode
D1
All modes
Standard Si diode
The capacitor values are examples and must be adapted to the requirements of the specific application, in
particular to the EMC requirements. In the LIN application, the voltage drop over the series connection of D1 and
R1 must not exceed 1V at maximum supply current. For overvoltage pulses at VBAT, R1 serves as a current
limiter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com