| Electronic Components Datasheet Search |
|
ZSSC3154BA3R Datasheet(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZSSC3154BA3R Datasheet(HTML) 14 Page - Renesas Technology Corp |
|
14 / 29 page ![]() ZSSC3154 Datasheet © 2016 Integrated Device Technology, Inc. 14 January 22, 2016 2.4.2 Measurement Cycle The measurement cycle is controlled by the CMC. Depending on EEPROM settings, the multiplexer (MUX) selects the following input signals in a defined sequence: • Differential bridge sensor signal • Conditioning temperature for bridge sensor signal conditioning calculation • Temperature sensor signal • Single-ended half-bridge sensor signal measured against an internal reference voltage • Internal offset of the analog front end (auto-zero compensation) • Diagnostic signals The cycle diagram in Figure 2.2 shows the basic structure of the measurement cycle. After power-on, the startup routine is processed, which performs all required measurements to expedite acquiring an initial valid conditioned sensor output. After the startup routine, the normal measurement cycle runs. Figure 2.2 Example of Measurement Cycle with Bridge Sensor Signal and Temperature Measurement (For detailed descriptions of various possible cycle configurations, refer to the ZSSC3154 Functional Description.) CTAZ CT BRAZ BR BIST BISTAZ BR BR BRAZ BR CTAZ BR CT BR SSCP BR SSCN 18 Measurements per Cycle Startup Measurement Cycle BR BR T TAZ Measurement Cycle with Bridge Signal and Temperature Output BIST BR Bridge Sensor Measurement BRAZ Bridge Sensor Auto-Zero Measurement CT Calibration Temperature Measurement CTAZ Calibration Temperature Auto-Zero Measurement T Temperature Measurement TAZ Temperature Auto-Zero Measurement Bridge Sensor Signal Main Signals Measurement Measurement Cycle Phases Analog Output Updated AFE Built-In Self-Test Measurement BISTAZ AFE Built-In Self-Test Auto-Zero Measurement SSCP Sensor Short Check Positive-Biased Measurement SSCN Sensor Short Check Negative-Biased Measurement Safety Functions Measurement Temperature Signal 2.4.3 Conditioning Calculation The digitalized value for the bridge signal and, if selected, for the temperature or the half-bridge signal are processed with the conditioning formulas to remove offset and temperature dependency and to compensate nonlinearity. The result is a non-negative 15-bit value in the range [0; 1). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |