Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC-3549 Datasheet(PDF) 4 Page - 3M Electronics

Part # EC-3549
Description  3M??Scotch-Weld??Urethane Adhesive
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

EC-3549 Datasheet(HTML) 4 Page - 3M Electronics

  EC-3549 Datasheet HTML 1Page - 3M Electronics EC-3549 Datasheet HTML 2Page - 3M Electronics EC-3549 Datasheet HTML 3Page - 3M Electronics EC-3549 Datasheet HTML 4Page - 3M Electronics EC-3549 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Technical Data Sheet
3M™ Scotch-Weld™ Urethane Adhesive EC-3549 B/A NF
II. Floating Roller Peel (Bell Peel) (ASTM D3167)
Bell peel strengths were measured on 1 in. wide bonds at the temperatures noted. The testing jaw separation
rate was 6 in. per minute. The bonds were made with 0.064 in. bonded to 0.025 in. thick adherends.
III. Cure Cycle
All bonds were cured 7 days at 73°F (23°C) at 50% RH before testing or subjected to further conditioning or
environmental aging.
Handling and Application Information
Product Application
Note: This information is provided as a general application guideline based upon typical conditions. No two applications are identical
due to differing assemblies, method of heat and pressure application, production equipment and other limitations. It is therefore
suggested that experiments be run, within the actual constraints imposed, to determine optimum conditions for your specific
application and to determine suitability of product for particular intended use.
I. Surface Preparation
A thoroughly cleaned, dry, and grease-free surface is essential for maximum performance. Cleaning
methods that will produce a break-free water film on metal surfaces are generally satisfactory.
For aluminum, the best performance will be achieved with the surface preparation by alkaline
degreasing, then FPL etching according to ASTM D2674, and followed by phosphoric acid anodizing
according to ASTM D3933.
II. Directions for Use
3M™ Scotch-Weld™ Urethane Adhesive EC-3549 B/A NF is supplied in dual syringe plastic cartridges
as part of the 3M™ EPX™ Applicator System. To use the EPX cartridge system, simply insert the
cartridge into the EPX applicator. Next, remove the cartridge cap and expel a small amount of adhesive
to be sure both sides of the cartridge are flowing evenly and freely. If simultaneous mixing of Part A and
Part B is desired, attach the mixing nozzle to the -pak cartridge and begin dispensing the adhesive.
When mixing Part A and Part B manually the components must be mixed in the ratio indicated in the
typical uncured properties section of this data sheet.
Complete mixing of the two components is required to obtain optimum properties.
Shelf Life and Storage Conditions
3M™ Scotch-Weld™ Urethane Adhesive EC-3549 B/A NF shelf life is 12 months from the date of shipment from 3M
when stored between 60° to 80°F (15° to 27°C) in the original unopened container.
Additional Information
In the U.S. call toll free 1-800-235-2376, or fax 1-800-435-3082 or 651-737-2171. For U.S. Military, call 1-866-556-5714. If you are
outside of the U.S., please contact your nearest 3M representative.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com