Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF143-2 Datasheet(PDF) 3 Page - 3M Electronics

Part # AF143-2
Description  3M Scotch-Weld™ Structural Adhesive Film AF 143-2
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF143-2 Datasheet(HTML) 3 Page - 3M Electronics

  AF143-2 Datasheet HTML 1Page - 3M Electronics AF143-2 Datasheet HTML 2Page - 3M Electronics AF143-2 Datasheet HTML 3Page - 3M Electronics AF143-2 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data Sheet
3M Scotch-Weld™ Structural Adhesive Film AF 143-2
1. Metal to Metal – Overlap Shear
All properties were measured on 1" wide, 1/2" overlap specimens cut from 0.063" thick 4" x 7" bonded panels of
2024T-3 alclad aluminum. Tests were conducted per MMM-A-132.
2. Metal to Metal Floating Bell Peel
Peel strength was measured on 1" wide specimens cut from a 3" x 8" x .063" 2024T-3 bare aluminum panel bonded to a
3" x 10" x .025" 2024T-3 bare panel.
3. Metal to Honeycomb – Climbing Drum Peel. Peel strength was measured on 3" x 8" honeycomb sandwich panels
containing a 3" x 10" peel face sheet. Tests were conducted per MIL-A-25463.
Skins: .020" thick, 2024T-3 bare aluminum
Core:
0.50" thick, 1/4" cell, 4 mil, 5052 aluminum
Test Temperature
Sandwich Peel Strength
75°F (24°C)
40 in. lb./3 inch width
4. Metal to Honeycomb – Flatwise Tensile. All properties were measured on 2" x 2" honeycomb sandwich panels using
procedures of MIL-A-25463.
Skins:
.020" thick, 2024T-3 bare aluminum
Honeycomb Core: 0.5" thick, 1/4" cell, 4 mil foil, 5052 aluminum
Test Temperature
Flatwise Tensile Strength
75°F (24°C)
300°F (149°C)
1100 psi
700 psi
Test Temperature
Shear Strength
-67°F (-55°C)
75°F (24°C)
300°F (149°C)
350°F (177°C)
3000 psi
3250 psi
2700 psi
2300 psi
Test Temperature
Peel Strength
75°F (24°C)
18 lb./inch width



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com