Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSSC3240 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ZSSC3240
Description  Sensor Signal Conditioner IC for Resistive Sensors
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3240 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ZSSC3240 Datasheet HTML 1Page - Renesas Technology Corp ZSSC3240 Datasheet HTML 2Page - Renesas Technology Corp ZSSC3240 Datasheet HTML 3Page - Renesas Technology Corp ZSSC3240 Datasheet HTML 4Page - Renesas Technology Corp ZSSC3240 Datasheet HTML 5Page - Renesas Technology Corp ZSSC3240 Datasheet HTML 6Page - Renesas Technology Corp ZSSC3240 Datasheet HTML 7Page - Renesas Technology Corp ZSSC3240 Datasheet HTML 8Page - Renesas Technology Corp ZSSC3240 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
ZSSC3240
Datasheet
Nov.27.20
Page 2
Physical Characteristics
Supply voltage, VDD: 2.7V to 5.5V;
with external transistor, for example
JFET: 5V to 48V
Operating temperature: -40°C to 125°C
Supported sensor elements: 0.5kΩ to 60kΩ
Available as die on wafers or 4
 4 mm2 24-QFN
with wettable flanks, allowing visual inspection of
QFN reflow quality
Typical Applications
Calibrated, continuously operating sensors with
digital interface and/or analog output: (absolute or
ratiometric) voltage or current loop output
Enables smart, digital sensors for energy-efficient
solutions
Pressure, flow, and level sensing
Industrial applications; e.g. process/factory
automation
Consumer / white goods, e.g. HVAC, weight scales
Medical applications, e.g. blood pressure,
continuous smart health monitors
Block Diagram
IC Bias Current
Generator
Power-ON
Reset
Analog
System
Control
Unit
PGA
VTP
VTN
INP
INN
VDD
VSSB
Oscillator
Clock
Generator
SCLK/SCL
MISO
MOSI/SDA
SS
VSS
Internal
Voltage
Regulators
Power Ctr.
VDDA int
A
D
12-24Bit
ZSSC3240
LDOctrl
FB
AOUT /
OWI1
OWI2in
RESQ
EOC
Digitial Control and
Math Core
NVM
SPI
I2C
OWI
Internal
Temp.
Sensor
Dig
DAC
13-16Bit
Ana
Sensor Supply: voltage / ratiometric
Sensor Supply:
current mode
TEXT
Sensor
Bias
Current
VDDB
AGND / CM
Generator
Chipping
Check
Sensor
Element
Sensor
Connection
Diagnostics
external
Transistor
Regulation
Typical Application Examples
Digital Half-Bridge Sensor, e.g. PT100
Sensor Half-
Bridge
PTC /
NTC
ZSSC3240
VSSB
SS
AO UT / OWI1
VDDB
VSS
INP
INN
4
VDD
(2.7 to 5.5V)
Digital Interface:
I2C or SPI or OWI
Analog Sensor with Absolute Voltage Out
ZSSC3240
VSSB
AOUT / OWI1
VDDB
VSS
INP
INN
4
Sensor Bridge
VDD
(2.7-5.5V)
VOUT, absolute
(0 to 1V / 0 to 5V)
OWI
Sensor with Ratiometric Voltage Output and Digital Interface
ZSSC3240
VSSB
SS
AO UT /
OWI1
VDDB
VSS
INP
INN
4
Sensor Bridge
VDD
(2.7 to 5.5V)
VOUT, ratiometric
(2.5% to 97.5% of VDD)
Digital Interface:
I2C or SPI or OWI
VDD
(2.7 to
5.5V)
Analog Sensor with Current Loop Output, OWI, and External JFET
ZSSC3240
VSSB
FB
AO UT / OWI1
VDDB
VSS
INP
OWI2in
INN
4
Sensor Bridge
Rsens
Loop-
4 to 20mA
Loop+
(7 to 48V)
5 to
5.5V
OWI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com