Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2202 Datasheet(PDF) 2 Page - 3M Electronics

Part # 2202
Description  3M??Novec??2202 Electronic Grade Coating
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2202 Datasheet(HTML) 2 Page - 3M Electronics

  2202 Datasheet HTML 1Page - 3M Electronics 2202 Datasheet HTML 2Page - 3M Electronics 2202 Datasheet HTML 3Page - 3M Electronics 2202 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Applications
Helps provide:
• Easy-to-clean, smudge-resistant protection for
glass and glasslike surfaces such as touch screens,
displays, mobile electronic handhelds, electronic
tablets and other electronic components and devices
• Anti-wetting, anti-stiction, anti-migration and anti-
corrosion properties in many diverse applications
Features
• Helps provide an easy-to-clean,
smudge resistant surface with
excellent repellency to oils, dirt,
grime and water
• Cured coating helps provide anti-
smudge properties via anti-wetting
and anti-stiction
• Excellent adhesion to a variety of
glass and glass-like surfaces
• Durable and abrasion-resistant for
long lasting protection
• Improves lubricious feel by helping
to reduce stick-slip friction
• Ultrathin, optically transparent and
does not alter surface appearance
• Excellent surface coverage and
wetting due to its low surface
tension solvent
• Air dries in seconds after application
• Easy to apply – should be
thermally cured for added
durability and abrasion resistance
• Volatile organic compound (VOC)
exempt (per the U.S. EPA)* and has
low global warming potential (GWP)
• Low in toxicity, non-ozone depleting
and RoHS compliant
Even after abrasion with steel wool, the Static Contact
Angle remains stable. Contact angles are correlated to
easy clean capabilities.
Table 2: Typical physical properties
Not for specification purposes. All values @ 25°C unless otherwise specified. Measures contact angles can vary based on the type of surface, surface
roughness and the application method.
Properties
Fluorinated Polymer Coating
Appearance
Transparent, colorless
Coating Thickness
Typically <10 nm
Solvent and Chemical Resistance
Resists a variety of solvents and chemicals
Thermal Stability of Dry Film
Can withstand 175°C for 24 hours and maintain repellency
Contact Angles (Static, Glass Substrate)
>110° (water), >60° (hexadecane)
*The U.S. EPA defines a VOC as “any compound of carbon, excluding carbon monoxide, carbon dioxide, carbonic acid, metallic carbides or carbonates and ammonium
carbonate, which participates in atmospheric photochemical reactions, except those designated by the EPA as having negligible photochemical reactivity.” This product
is VOC exempt per the U.S. EPA.
0
0
20
40
60
80
100
120
500
1000
1500
2000
2500
Water
Hexadecane
3000
3500
Number of Linear Abrasion Cycles
(1 cm2, #0000 Steel Wool, 1 kg)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com