Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1720 Datasheet(PDF) 1 Page - 3M Electronics

Part # 1720
Description  3M??Novec??1720 Electronic Grade Coating
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

1720 Datasheet(HTML) 1 Page - 3M Electronics

  1720 Datasheet HTML 1Page - 3M Electronics 1720 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3
Introduction
3M™ Novec™ 1720 Electronic Grade Coating is a clear, low viscosity, low surface tension solution of a fluorosilane
polymer carried in 3M™ Novec™ 7100 Engineered Fluid. The coating is designed for easy clean and anti-smudge
capabilities on a variety of surfaces such as glass flat panel displays and mobile electronic device components.
The coating dries to a thin, transparent, permanent film with excellent hydrophobic and oleophobic properties.
Post-curing provides added durability and abrasion resistance. It is non-flammable, low in toxicity, non-ozone
depleting and RoHS compliant.
3M™Novec™1720 Electronic Grade Coating
Not for
specification
purposes. All
values @ 25°C
unless otherwise
specified.
Solids
Solvent
Color
Container Size
0.1 wt% fluoropolymer 3M™ Novec™ 7100DL Engineered Fluid
Clear
3.5 gal (40lb/18.1kg), 1 gal (12lb/5.4kg)
Typical Physical Properties
Property
Coating Solution
Appearance
Clear, colorless liquid solution
Solids
0.1 wt% fluoropolymer
Solvent
3M™ Novec™ 7100DL Engineered Fluid
Specific Gravity
1.5
Boiling Point of Solvent
61°C (142°F)
Flash Point
None
Environmental
Low in toxicity, non-ozone depleting, non-flammable,
VOC exempt (US EPA), RoHS compliant, contains no chlorine or bromine
System
One Part
Property
Fluoropolymer Coating
Appearance
Transparent, colorless
Coating Thickness
<10 nm
Solvent and Chemical Resistance
Yes
Tg (glass transition temperature)
-110°C
Thermal Stability of Dry Film
Stable at 200°C in air for greater than 3 hours
Contact Angles (static, dip coated/dried on glass substrate)
105° (water)
Shelf Life
2 years from date of manufacture in unopened container
Solder-Through Repairability
Yes
Features
• Air dries in seconds and is to be thermally cured for
abrasion resistance
• Adheres to a variety of surfaces including glass, metals and
metal oxides.
• Provides excellent anti-wetting, anti-stiction and
anti-migration properties.
• Contains no volatile organic compounds (VOCs) and
has low global warming potential
• Is optically transparent and contributes no additional haze
and no loss of clarity
Construction
Product Information
120
100
80
60
40
20
0
0
500
1000
1500
2000
2500
Number of Linear Abrasion Cycles
Novec 1720 Water
Novec 1720 Hexadecane


Similar Part No. - 1720

ManufacturerPart #DatasheetDescription
logo
Heyco.
1720 HEYCO-1720 Datasheet
112Kb / 1P
Shorty Plugs
logo
DESCO INDUSTRIES INC
17200 DESCO-17200 Datasheet
328Kb / 1P
FOOT GROUND, HEEL
July 2012
17200. DESCO-17200. Datasheet
328Kb / 1P
FOOT GROUND, HEEL
July 2012
logo
PHOENIX CONTACT
1720017 PHOENIX-1720017 Datasheet
87Kb / 5P
PCB terminal block - SMKDS 5/ 2-9,5 - 1720017
1720020 PHOENIX-1720020 Datasheet
82Kb / 5P
PCB terminal block - SMKDS 5/ 3-9,5
More results

Similar Description - 1720

ManufacturerPart #DatasheetDescription
logo
3M Electronics
7200 3M-7200 Datasheet
167Kb / 4P
3M™ Novec™ 7200 Engineered Fluid
4710 3M-4710 Datasheet
394Kb / 4P
3M??Novec??4710 Insulating Gas
2708 3M-2708 Datasheet
119Kb / 4P
3M??Novec??2708 Electronic Grade Coating
2704 3M-2704 Datasheet
118Kb / 4P
3M??Novec??2704 Electronic Grade Coating
2202 3M-2202 Datasheet
119Kb / 4P
3M??Novec??2202 Electronic Grade Coating
1908 3M-1908 Datasheet
505Kb / 4P
3M??Novec??1908 Electronic Grade Coating
1904 3M-1904 Datasheet
505Kb / 4P
3M??Novec??1904 Electronic Grade Coating
1902 3M-1902 Datasheet
505Kb / 4P
3M??Novec??1902 Electronic Grade Coating
1710 3M-1710 Datasheet
119Kb / 4P
3M??Novec??1710 Electronic Grade Coating
1702 3M-1702 Datasheet
118Kb / 4P
3M??Novec??1702 Electronic Grade Coating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com