Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFS520 Datasheet(PDF) 2 Page - SHIKUES Electronics

Part # BFS520
Description  NPN Silicon RF Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKTECHNOLGY [SHIKUES Electronics]
Direct Link  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics

BFS520 Datasheet(HTML) 2 Page - SHIKUES Electronics

  BFS520 Datasheet HTML 1Page - SHIKUES Electronics BFS520 Datasheet HTML 2Page - SHIKUES Electronics BFS520 Datasheet HTML 3Page - SHIKUES Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (T
PARAMETER
Collector-base breakdown voltage
Collector cut-off current
Emitter cut-off current
DC current gain
Transit frequency
Output feedback capacitance
Power gain
Noise factor
TYPICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
SYMBLE
MIN.
TYP.
MAX.
UNIT
VCBO
20
V
ICBO
0.1
μA
IEBO
0.1
μA
hFE*
50
150
300
fT
9
GHz
Cre
0.65
pF
| S21e |2
13
dB
V
NF
1.6
1.8
dB
1.8
2.0
V
TEST CONDITION
IC=1.0μA
VCB=10V
VEB=1V
VCE=6V,IC=20mA
VCE=6V,IC=20mA,f=1GHz
VCB=8V,IE=0mA,f=1MHz
VCE=6V,IC=20mA,f=0.9GHz
VCE=6V,IC=5mA,f=0.9GHz
VCE=6V,IC=20mA,f=0.9GHz
BFS520
2 of 3
REV.08



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com