Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9505 Datasheet(PDF) 1 Page - 3M Electronics

Part # 9505
Description  3M??Adhesive Transfer Tape 9505
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9505 Datasheet(HTML) 1 Page - 3M Electronics

  9505 Datasheet HTML 1Page - 3M Electronics 9505 Datasheet HTML 2Page - 3M Electronics 9505 Datasheet HTML 3Page - 3M Electronics 9505 Datasheet HTML 4Page - 3M Electronics 9505 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ASK A 3M EXPERT
October, 2013
3M™ Adhesive Transfer Tape 9505
Product Description
3M™ Industrial Acrylic Adhesive 220 is an economical choice for most general industrial bonding in metal,
painted metal, and high surface energy plastic applications.
Product Features
• Up to 350°F short-term heat resistance
• Good chemical resistance
• Good shear strength


Similar Part No. - 9505

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9505 ETC2-9505 Datasheet
33Kb / 3P
Computer Cable for EIA RS-232 Applications
logo
Keystone Electronics Co...
9505 KEYSTONE-9505 Datasheet
237Kb / 1P
4-40 FLAT HEAD SCREW
logo
Belden Inc.
9505 BELDEN-9505 Datasheet
202Kb / 2P
RS232, #24-5pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
01-20-2023
logo
Keystone Electronics Co...
9505 KEYSTONE-9505 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Belden Inc.
9505.001525 BELDEN-9505.001525 Datasheet
202Kb / 2P
RS232, #24-5pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
01-20-2023
More results

Similar Description - 9505

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9969 3M-9969 Datasheet
344Kb / 2P
3M Transfer Adhesive Tape featuring 3M PCAT
Sep-2017
966 3M-966 Datasheet
199Kb / 8P
3M??Adhesive Transfer Tape 966
9466B 3M-9466B Datasheet
131Kb / 4P
3M??Adhesive Transfer Tape 9466B
9085 3M-9085 Datasheet
159Kb / 8P
3M??Ultra High Temperature 100 HT Adhesive Transfer Tape 9085
6035PC 3M-6035PC Datasheet
138Kb / 6P
3M??Adhesive Transfer Tape 6035PC
9453FL 3M-9453FL Datasheet
136Kb / 6P
3M??Adhesive Transfer Tape 9453FL
F9465PC 3M-F9465PC Datasheet
140Kb / 5P
3M??Adhesive Transfer Tape with Plasticizer Resistant Adhesive
9380 3M-9380 Datasheet
348Kb / 5P
3M??Adhesive Transfer Tapes with Specialty Acrylic Adhesive
9379 3M-9379 Datasheet
348Kb / 5P
3M??Adhesive Transfer Tapes with Specialty Acrylic Adhesive
9725 3M-9725 Datasheet
147Kb / 4P
3M??XYZ-Axis Electrically Conductive Adhesive Transfer Tape (ECATT) 9725
2009
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com