Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDD022N50TL Datasheet(PDF) 7 Page - VBsemi Electronics Co.,Ltd

Part # RDD022N50TL
Description  N-Channel 650 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

RDD022N50TL Datasheet(HTML) 7 Page - VBsemi Electronics Co.,Ltd

  RDD022N50TL Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd RDD022N50TL Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd RDD022N50TL Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd RDD022N50TL Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd RDD022N50TL Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd RDD022N50TL Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd RDD022N50TL Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd RDD022N50TL Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd RDD022N50TL Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Fig. 14 - For N-Channel
P.W.
Period
dI/dt
Diode recovery
dV/dt
Ripple
≤ 5 %
Body diode forward drop
Re-applied
voltage
Reverse
recovery
current
Body diode forward
current
VGS = 10 V*
VDD
ISD
Driver gate drive
D.U.T. ISD waveform
D.U.T. VDS waveform
Inductor crurent
D =
P.W.
Period
+
-
+
+
+
-
-
-
* VGS = 5 V for logic level devices
Peak Diode Recovery dV/dt Test Circuit
RG
VDD
• dV/dt controlled by RG
• Driver same type as D.U.T.
• ISD controlled by duty factor "D"
• D.U.T. - device under test
D.U.T.
Circuit layout considerations
• Low stray inductance
• Ground plane
• Low leakage inductance
current transformer
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
RDD022N50TL
7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com