Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F0443 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # F0443
Description  Dual Matched Broadband RF DVGA 0.6GHz to 2.7GHz
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0443 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button F0443 Datasheet HTML 56Page - Renesas Technology Corp F0443 Datasheet HTML 57Page - Renesas Technology Corp F0443 Datasheet HTML 58Page - Renesas Technology Corp F0443 Datasheet HTML 59Page - Renesas Technology Corp F0443 Datasheet HTML 60Page - Renesas Technology Corp F0443 Datasheet HTML 61Page - Renesas Technology Corp F0443 Datasheet HTML 62Page - Renesas Technology Corp F0443 Datasheet HTML 63Page - Renesas Technology Corp F0443 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 65 page
background image
F0443 Datasheet
© 2020 Renesas Electronics Corporation
60
September 1, 2020
Evaluation Kit Operation
Power Supply Setup
Set up a power supply in the voltage range of 4.75V to 5.25V with the power supply output disabled. The voltage can be applied via one of the
following connections (see Figure 121):
Directly to J5 SMA connector
Individually to J9, J11, J12, J14, J15, J17 and J19 header connections (note the polarity of the GND pin on this connector)
Figure 121. Power Supply and Logic Voltage Connections
Parallel Logic Control Setup
The Evaluation Board can control the F0443 in the Parallel Mode. For external control, apply logic voltages to the J21 header pins 11 through
21 (see Figure 122). The logic voltage can be applied directly to connector J21.
Figure 122. Power Supply and Logic Voltage Connections
The F0443 uses parallel programming for its DSA1 and DSA3 Attenuators. The rest are controlled through SPI or I3C programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com