Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F0448 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F0448
Description  Dual Matched Broadband RF DVGA 3.4GHz to 3.8GHz
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0448 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F0448 Datasheet HTML 1Page - Renesas Technology Corp F0448 Datasheet HTML 2Page - Renesas Technology Corp F0448 Datasheet HTML 3Page - Renesas Technology Corp F0448 Datasheet HTML 4Page - Renesas Technology Corp F0448 Datasheet HTML 5Page - Renesas Technology Corp F0448 Datasheet HTML 6Page - Renesas Technology Corp F0448 Datasheet HTML 7Page - Renesas Technology Corp F0448 Datasheet HTML 8Page - Renesas Technology Corp F0448 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Dual Matched Broadband RF DVGA
3.4GHz to 3.8GHz
F0448
Datasheet
© 2018 Integrated Device Technology, Inc.
1
October 24, 2018
Description
The F0448 is a 3.4GHz to 3.8GHz dual RF digital variable gain
amplifier (DVGA) designed for use in receivers.
This dual RF DVGA provides two independent receiver channels
each with 13dB typical maximum gain and 6dB noise figure
designed to operate with a single +5V supply. For each channel,
gain control is split into three separate attenuators: DSA0, a single
6dB step using a single control pin; DSA1, a 23dB SPI-controlled
gain adjustment in 1dB steps; and DSA2, includes 18dB
attenuation in 6dB steps controlled using two control pins. The
F0448 offers +37dBm nominal output IP3 using 220mA total ICC.
This device is packaged in a 6 × 6 mm, 36-QFN with 50Ω single-
ended RF input and RF output impedances for ease of integration
into the signal-channel lineup for each of the two channels.
Competitive Advantage
High reliability
High linearity
Low DC current
Zero DistortionTM technology
GlitchFreeTM technology
Typical Applications
Multi-mode, Multi-carrier Receivers
PHS/PAS Base Stations
Distributed Antenna Systems
Digital Radio
Features
RF Frequency Range: 3.4GHz to 3.8GHz
Dual Channel RF amp and DSAs for Diversity / MIMO
Receivers
< 2dB overshoot between DSA transitions
13dB typical maximum gain at 3.6GHz
DSA0: Single 6dB coarse step
DSA1: 23dB total gain range in 1dB steps
DSA2: 18dB gain range in 6dB steps
+37dBm OIP3 at 3.6GHz
6dB Noise figure at 3.6GHz
+5V Supply voltage
ICC = 220mA
Independent standby: 7mA standby current
SPI interface for DSA1
1-bit control for DSA0
2-bit control for DSA2
50Ω input and output impedance
Internally matched
Temperature range: -40°C to +105°C
6 × 6 × 0.75 mm 36-QFN package
Block Diagram
DATA
CLK
CSb
RFIN_A
RFIN_B
RFOUT_A
RFOUT_B
DSA0A
DSA2A
F0448
STBY
RF AMP A
Glitch - Free TM
Glitch - Free TM
Zero - Distortion TM
Zero - Distortion TM
VCTRL0
DSA1A
6dB
23dB
18dB
VCTRL1
VCTRL2
RF AMP B
6dB
23dB
18dB
DSA0B
DSA2B
DSA1B
Decode
Logic / Bias
2
2
2
2
2


Similar Part No. - F0448

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F0448 RENESAS-F0448 Datasheet
5Mb / 43P
Dual Matched Broadband RF DVGA 3.3GHz to 4.2GHz
Feb 17, 2021
F0448EVB RENESAS-F0448EVB Datasheet
5Mb / 43P
Dual Matched Broadband RF DVGA 3.3GHz to 4.2GHz
Feb 17, 2021
F0448EVS RENESAS-F0448EVS Datasheet
5Mb / 43P
Dual Matched Broadband RF DVGA 3.3GHz to 4.2GHz
Feb 17, 2021
F0448NBGK RENESAS-F0448NBGK Datasheet
5Mb / 43P
Dual Matched Broadband RF DVGA 3.3GHz to 4.2GHz
Feb 17, 2021
F0448NBGK8 RENESAS-F0448NBGK8 Datasheet
5Mb / 43P
Dual Matched Broadband RF DVGA 3.3GHz to 4.2GHz
Feb 17, 2021
More results

Similar Description - F0448

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2645 MAXIM-MAX2645 Datasheet
219Kb / 12P
3.4GHz to 3.8GHz SiGe Low-Noise Amplifier/PA Predriver
Rev 1; 8/03
logo
Toshiba Semiconductor
TIM3438-12UL TOSHIBA-TIM3438-12UL Datasheet
145Kb / 4P
HIGH POWER P1dB=41.5dBm at 3.4GHz to 3.8GHz
logo
Integrated Device Techn...
IDTF0480NBGI IDT-IDTF0480NBGI Datasheet
1Mb / 27P
Matched Broadband RF VGA
logo
Renesas Technology Corp
F0440 RENESAS-F0440 Datasheet
2Mb / 31P
Dual Matched Broadband RF DVGA 450MHz to 2700MHz
F0443 RENESAS-F0443 Datasheet
6Mb / 65P
Dual Matched Broadband RF DVGA 0.6GHz to 2.7GHz
F0452C RENESAS-F0452C Datasheet
1Mb / 24P
Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
logo
Integrated Device Techn...
F0453B IDT-F0453B Datasheet
2Mb / 35P
Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
logo
Renesas Technology Corp
F0453C RENESAS-F0453C Datasheet
1Mb / 30P
Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
F0472 RENESAS-F0472 Datasheet
125Kb / 3P
Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
F0440 RENESAS-F0440_V01 Datasheet
3Mb / 29P
Dual Matched Broadband RF DVGA 400MHz to 2700MHz
November 4, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com