Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFD8P06TM Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # RFD8P06TM
Description  P-Channel 60-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

RFD8P06TM Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  RFD8P06TM Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd RFD8P06TM Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd RFD8P06TM Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd RFD8P06TM Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd RFD8P06TM Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd RFD8P06TM Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd RFD8P06TM Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
Transfer Characteristics
On-Resistance vs. Drain Current
V
GS =5 V
0
40
80
120
160
200
0
1234
5
VDS - Drain-to-SourceVoltage (V)
V
GS =10thru 6 V
V
GS =4 V
V
GS =3 V
0
2
4
6
8
10
0
1234
5
VGS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = 125 °C
T
C = - 55 °C
0.00
0.03
0.06
0.09
0.12
0.15
020
40
60
80
100
ID - Drain Current (A)
VGS =10 V
VGS =4.5 V
Transconductance
Capacitance
0
20
40
60
80
100
012
24
36
48
60
ID - Drain Current (A)
T
C = 125 °C
T
C = - 55 °C
T
C = 25 °C
Crss
0
300
600
900
1200
1500
0
102030
405060
Ciss
VDS - Drain-to-Source Voltage (V)
Coss
Transconductance
0
20
40
60
80
100
012
24
36
48
60
ID - Drain Current (A)
T
C = 125 °C
T
C = - 55 °C
T
C = 25 °C
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
RFD8P06TM
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com