Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1241 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F1241
Description  Dual IF Digital Variable Gain Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1241 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F1241 Datasheet HTML 9Page - Renesas Technology Corp F1241 Datasheet HTML 10Page - Renesas Technology Corp F1241 Datasheet HTML 11Page - Renesas Technology Corp F1241 Datasheet HTML 12Page - Renesas Technology Corp F1241 Datasheet HTML 13Page - Renesas Technology Corp F1241 Datasheet HTML 14Page - Renesas Technology Corp F1241 Datasheet HTML 15Page - Renesas Technology Corp F1241 Datasheet HTML 16Page - Renesas Technology Corp F1241 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Dual IF Digital Variable Gain Amplifier
10 – 500 MHz IDTF1241NBGI
IDT FlatNoise
TM IF VGA
13
Rev O Nov 2012
IDTF1241
DATASHEET
PIN DESCRIPTIONS
Pin #
Pin Name
Pin Function
1
GA3
4 dB ATTN ctrl bit for Channel A
2
GA4
8 dB ATTN ctrl bit for Channel A
3
GA5
16 dB ATTN ctrl bit for Channel A
4
ISET_A
ChA Icc set: Use the recommended value from the BOM section
5
ISET_B
ChB Icc set: Use the recommended value from the BOM section
6
GB5
16 dB Attenuation ctrl bit for Channel B: 1 or high = 16 dB ATTN
7
GB4
8 dB Attenuation ctrl bit for Channel B: 1 or high = 8 dB ATTN
8
GB3
4 dB Attenuation ctrl bit for Channel B: 1 or high = 4 dB ATTN
9
GB2
2 dB Attenuation ctrl bit for Channel B: 1 or high = 2 dB ATTN
10
GB1
1 dB Attenuation ctrl bit for Channel B: 1 or high = 1 dB ATTN
11
IN_B+
Channel B Differential Input +. AC couple
12
IN_B-
Channel B Differential Input -. AC couple
13
GND
Connect this pin to Ground
14
VCC
Connect this pin to the 5V DC Power Bus
15
NC
Internally Unconnected
16
NC
Internally Unconnected
17
OUT_B+
Channel B Differential Output +. Pull up to Vcc through an inductor
18
OUT_B-
Channel B Differential Output-. Pull up to Vcc through an inductor
19
STYB_B
Pull low to Power Down ChB. Float or Pull high to enable ChB
20
GND
Connect this pin to Ground
21
GND
Connect this pin to Ground
22
STYB_A
Pull low to Power Down ChA. Float or Pull high to enable ChA
23
OUT_A-
Channel A Differential Output -. Pull up to Vcc through an inductor
24
OUT_A+
Channel A Differential Output +. Pull up to Vcc through an inductor
25
NC
Internally Unconnected
26
NC
Internally Unconnected
27
VCC
Connect this pin to the 5V DC Power Bus
28
GND
Connect this pin to Ground
29
IN_A-
Channel A Differential Input -. AC couple
30
IN_A+
Channel B Differential Input +. AC couple
31
GA1
1 dB Attenuation ctrl bit for Channel A
32
GA2
2 dB ATTN ctrl bit for Channel A
EP
Exposed Paddle
Connect to Ground with multiple vias for good thermal relief



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com