Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1420 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F1420
Description  RF Amplifier 700MHz to 1.1GHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1420 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F1420 Datasheet HTML 9Page - Renesas Technology Corp F1420 Datasheet HTML 10Page - Renesas Technology Corp F1420 Datasheet HTML 11Page - Renesas Technology Corp F1420 Datasheet HTML 12Page - Renesas Technology Corp F1420 Datasheet HTML 13Page - Renesas Technology Corp F1420 Datasheet HTML 14Page - Renesas Technology Corp F1420 Datasheet HTML 15Page - Renesas Technology Corp F1420 Datasheet HTML 16Page - Renesas Technology Corp F1420 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
© 2018 Integrated Device Technology, Inc.
13
Rev O January 23, 2018
F1420 Datasheet
Power-On Procedure
Set up the voltage supplies and Evaluation Board as described in the "Power Supply Setup" section and set the "Standby Pin” or logic LOW.
Enable the power supply.
The STBY pin now can now be exercised.
Power-Off Procedure
Set the STBY pin for logic LOW.
Disable the power supply.
Application Information
The F1420 has been optimized for use in high performance RF applications from 700MHz to 1100MHz.
Standby Mode (STBY)
The F1420 has a standby pin that allows the amplifier to be turned off to decrease overall power requirements. The pin uses simple logic levels
and is compatible with both JECEC 1.8V and JEDEC 3.3V logic. Table 7 lists the amplifier state for the logic. An internal pull-down resistor
causes the amplifier to default to the on state.
Table 7.
Standby Truth Table
STBY (pin 8)
Condition
LOW or Open
Amplifier On
HIGH
Amplifier Off
RSET and RDSET
The F1420 has been optimized for gain and intermodulation products by adjusting the bias resistors RSER and RDSET. For the optimized
setting, the values are RSET (R1) is 2.26kΩ and RDSET (R2) is 5.76kΩ.
Power Supplies
The power supply pin should be bypassed with external capacitors to minimize noise and fast transients. Supply noise can degrade noise figure
and fast transients can trigger ESD clamps and cause them to fail. Supply voltage change or transients should have a slew rate smaller than
1V/20μs.
Control Pin Interface
If control signal integrity is a concern and clean signals cannot be guaranteed due to overshoot, undershoot, ringing, etc., the following circuit
at the input of each control pin is recommended. This applies to control pin 8 (STBY). Note the recommended resistor and capacitor values do
not necessarily match the EVKit BOM for the case of poor control signal integrity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com