Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1455 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # F1455
Description  TX Digital VGA 1400 MHz to 2300 MHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1455 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button F1455 Datasheet HTML 17Page - Renesas Technology Corp F1455 Datasheet HTML 18Page - Renesas Technology Corp F1455 Datasheet HTML 19Page - Renesas Technology Corp F1455 Datasheet HTML 20Page - Renesas Technology Corp F1455 Datasheet HTML 21Page - Renesas Technology Corp F1455 Datasheet HTML 22Page - Renesas Technology Corp F1455 Datasheet HTML 23Page - Renesas Technology Corp F1455 Datasheet HTML 24Page - Renesas Technology Corp F1455 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
F1455 Datasheet
© 2016 Integrated Device Technology, Inc
21
October 19, 2016
Evaluation Kit / Applications Circuit
Figure 55. Electrical Schematic
GND
R3
VCC
R16
C2
RFOUT
R12
GND1
R13
CLK
CSb
R14
DATA
C9
GND4
C8
R2
C10
GND3
C11
C5
C6
C7
J4
R8
R9
R10
C4
R5
R6
R7
R1
R15
R4
J1
C3
C15
C16
J5
C13
VCC1
C14
VCC2
J3
VCC
VCC
J2
GND2
C12
R11
RFIN
VCC
C1
VCC
J7
2
4
6
8
1
3
5
7
B4
B3
B2
B1
B5
VCC
VCC3
J6
Not All Components are used.
Please
check the Bill of Material (BOM) table.
F1455
U1
CSb
1
DATA
2
CLK
3
RSET
4
GND
5
RFIN
6
GND
7
GND
15
RFOUT
16
GND
17
NC
18
GND
21
NC
20
NC
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com