Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8034239 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8034239
Description  Integrated motor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8034239 Datasheet(HTML) 2 Page - Festo Corporation.

  8034239 Datasheet HTML 1Page - Festo Corporation. 8034239 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Peak current
10.3 A
Permissible voltage fluctuations
+/- 20 %
Certificate issuing authority
German Technical Control Board (TÜV) 01/205/5514.00/16
UL E331130
CE marking (see declaration of conformity)
As per EU EMC directive
as per EU machinery directive
Vibration resistance
Transport application test with severity level 2 as per FN 942017-4 and
EN 60068-2-6
Shock resistance
Shock test with severity level 2 as per FN 942017-5 and EN 60068-2-27
Corrosion resistance class (CRC)
1 - Low corrosion stress
Storage temperature
-25 °C ... 70 °C
Relative air humidity
0 - 95 %
Non-condensing
Degree of protection
IP54
Ambient temperature
0 °C ... 50 °C
Note on ambient temperature
Above an ambient temperature of 20 °C, the power must be reduced by
1.75% per °C.
Certification
RCM compliance mark
c UL us - Recognized (OL)
Rotor mass moment of inertia
0.301 kgcm²
Nominal torque
0.45 Nm
Peak torque
0.91 Nm
Permissible axial shaft load
60 N
Permissible radial shaft load
100 N
PFH
1.0E-9
PFD
1.86E-5
Proof test interval
20 y
Product weight
2260 g
Number of digital logic outputs 24 V DC
2
Number of digital logic inputs
2
Communication profile
CiA402
FHPP
Logic input specification
Based on IEC 61131-2
Work range of logic input
24 V
Characteristics of logic input
Galvanically connected to logic potential
Ethernet, supported protocols
TCP/IP
Input switching logic
PNP (positive switching)
Switching logic at outputs
PNP (positive switching)
Type of mounting
Screwed tightly
With through-hole
Note on materials
Contains paint-wetting impairment substances
RoHS-compliant
2/9/21 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com