Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1471 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F1471
Description  0.5W High Linearity RF Amplifier 400MHz to 4200MHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1471 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F1471 Datasheet HTML 9Page - Renesas Technology Corp F1471 Datasheet HTML 10Page - Renesas Technology Corp F1471 Datasheet HTML 11Page - Renesas Technology Corp F1471 Datasheet HTML 12Page - Renesas Technology Corp F1471 Datasheet HTML 13Page - Renesas Technology Corp F1471 Datasheet HTML 14Page - Renesas Technology Corp F1471 Datasheet HTML 15Page - Renesas Technology Corp F1471 Datasheet HTML 16Page - Renesas Technology Corp F1471 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
F1471 Datasheet
Rev.1.0
Oct.16.20
Page 13
Figure 20. Input Return Loss
Figure 21. Output Return Loss
Figure 22. OIP3
Figure 23. OIP3 vs Tone Power (4GHz)
Figure 24. OP1dB (4GHz)
Figure 25. Noise Figure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com