Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1956 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F1956
Description  7-Bit 0.25 dB Wideband Digital Step Attenuator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1956 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F1956 Datasheet HTML 9Page - Renesas Technology Corp F1956 Datasheet HTML 10Page - Renesas Technology Corp F1956 Datasheet HTML 11Page - Renesas Technology Corp F1956 Datasheet HTML 12Page - Renesas Technology Corp F1956 Datasheet HTML 13Page - Renesas Technology Corp F1956 Datasheet HTML 14Page - Renesas Technology Corp F1956 Datasheet HTML 15Page - Renesas Technology Corp F1956 Datasheet HTML 16Page - Renesas Technology Corp F1956 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
F1956
Rev 2 04/08/2016
TYPICAL OPERATING CONDITIONS (- 3 -)
Worst Case Step Accuracy (LSB=0.25 dB)
Worst Case Step Accuracy (LSB=0.50 dB)
Worst Case Step Accuracy (LSB=1.00 dB)
Step Accuracy (LSB=0.25 dB)
Step Accuracy (LSB=0.50 dB)
Step Accuracy (LSB=1.00 dB)
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0
1
2
3
4
5
6
7
8
Frequency (GHz)
-40 C Min
-40 C Max
+25 C Min
+25 C Max
+105 C Min
+105 C Max
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0
1
2
3
4
5
6
7
8
Frequency (GHz)
-40 C Min
-40 C Max
+25 C Min
+25 C Max
+105 C Min
+105 C Max
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0
1
2
3
4
5
6
7
8
Frequency (GHz)
-40 C Min
-40 C Max
+25 C Min
+25 C Max
+105 C Min
+105 C Max
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32
Attenuation (dB)
0.02 GHz
1.00 GHz
1.50 GHz
2.00 GHz
2.50 GHz
3.00 GHz
3.50 GHz
4.00 GHz
4.50 GHz
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32
Attenuation (dB)
0.50 GHz
1.00 GHz
1.50 GHz
2.00 GHz
2.50 GHz
3.00 GHz
3.50 GHz
4.00 GHz
4.50 GHz
5.00 GHz
5.50 GHz
6.00 GHz
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32
Attenuation (dB)
0.02 GHz
1.00 GHz
1.50 GHz
2.00 GHz
2.50 GHz
3.00 GHz
3.50 GHz
4.00 GHz
4.50 GHz
5.00 GHz
5.50 GHz
6.00 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com