Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2250 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F2250
Description  Low Insertion Loss: 1.4dB @ 2000MHz 33.6dB Attenuation Range
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2250 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F2250 Datasheet HTML 1Page - Renesas Technology Corp F2250 Datasheet HTML 2Page - Renesas Technology Corp F2250 Datasheet HTML 3Page - Renesas Technology Corp F2250 Datasheet HTML 4Page - Renesas Technology Corp F2250 Datasheet HTML 5Page - Renesas Technology Corp F2250 Datasheet HTML 6Page - Renesas Technology Corp F2250 Datasheet HTML 7Page - Renesas Technology Corp F2250 Datasheet HTML 8Page - Renesas Technology Corp F2250 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Voltage Variable RF Attenuator
50MHz to 6000MHz
Voltage Variable RF Attenuator
1
REV 4, January 2017
F2250NLGK
Datasheet
GENERAL DESCRIPTION
The F2250 is a low insertion loss Voltage Variable RF
Attenuator (VVA) designed for a multitude of wireless
and other RF applications. This device covers a broad
frequency range from 50MHz to 6000MHz. In addition
to providing low insertion loss, the F2250 provides
excellent linearity performance over its entire voltage
control and attenuation range.
The F2250 uses a single positive supply voltage of
3.15V to 5.25V. Other features include the VMODE pin
allowing either positive or negative voltage control
slope vs attenuation and multi-directional operation
meaning the RF input can be applied to either RF1 or
RF2 pins. Control voltage ranges from 0V to 3.6V
using either positive or negative control voltage slope.
COMPETITIVE ADVANTAGE
F2250 provides extremely low insertion loss and superb
IP3, IP2, Return Loss and Slope Linearity across the
control range. Comparing to the previous state-of-the-
art for silicon VVAs this device is better as follows:
Insertion Loss @ 2000MHz: 1.4dB vs. 2.8dB
Insertion Loss @ 6000MHz: 2.7dB vs. 7dB
Maximum Attenuation Slope: 33dB/Volt vs. 53dB/Volt
Minimum Return Loss up to 6000MHz: 12.5dB vs. 7dB
Minimum Output IP3: 31dBm vs. 15dBm
Minimum Input IP2: 87dBm vs. 80dBm
Maximum Operating Temperature: +105°C vs. +85°C
APPLICATIONS
Base Station 2G, 3G, 4G
Portable Wireless
Repeaters and E911 systems
Digital Pre-Distortion
Point to Point Infrastructure
Public Safety Infrastructure
WIMAX Receivers and Transmitters
Military Systems, JTRS radios
RFID handheld and portable readers
Cable Infrastructure
Wireless LAN
Test / ATE Equipment
FEATURES
Low Insertion Loss: 1.4dB @ 2000MHz
Typical / Min IIP3: 65dBm / 47dBm
Typical / Min IIP2: 95dBm / 87dBm
33.6dB Attenuation Range
Bi-directional RF ports
+34.4dBm Input P1dB compression
VMODE pin allows either positive or negative
attenuation control response
Linear-in-dB attenuation characteristic
Supply voltage: 3.15V to 5.25V
VCTRL range: 0V to 3.6V using 5V supply
+105°C max operating temperature
3mm x 3mm, 16-pin QFN package
DEVICE BLOCK DIAGRAM
ORDERING INFORMATION
PART# MATRIX
Part#
RF Freq
Range (MHz)
Insertion Loss (dB)
IIP3
(dBm)
Pinout
Compatibility
F2250
50 - 6000
1.4 (at 2GHz)
+65
RFMD
F2255
1 - 3000
1.1 (at 500MHz)
+60
F2258
50 - 6000
1.4 (at 2GHz)
+65
Hittite
RF1
RF2
Control
F2250NLGK8
0.9 mm height
package
Green
Temp Range
Tape &
Reel
RF Product Line


Similar Part No. - F2250

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2250 IDT-F2250 Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
F2250 IDT-F2250 Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
F2250 IDT-F2250 Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
logo
Renesas Technology Corp
F2250 RENESAS-F2250 Datasheet
2Mb / 27P
Voltage Variable RF Attenuator 1MHz to 3000MHz
May 7, 2021
logo
Integrated Device Techn...
F2250NLGI IDT-F2250NLGI Datasheet
94Kb / 3P
PRODUCT/PROCESS CHANGE NOTICE (PCN)
More results

Similar Description - F2250

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2026B RFM-SF2026B Datasheet
272Kb / 6P
Low Insertion Loss
SF2059B-1 RFM-SF2059B-1 Datasheet
205Kb / 5P
Low Insertion Loss
SF2085A RFM-SF2085A Datasheet
136Kb / 4P
Low Insertion Loss
logo
EPCOS
B3519 EPCOS-B3519 Datasheet
78Kb / 8P
Low insertion attenuation
B4310 EPCOS-B4310 Datasheet
83Kb / 9P
Low insertion attenuation
B4313 EPCOS-B4313 Datasheet
76Kb / 8P
Low insertion attenuation
logo
RF Monolithics, Inc
SF2089C RFM-SF2089C Datasheet
550Kb / 6P
Low Insertion Loss
SF2091C RFM-SF2091C Datasheet
551Kb / 6P
Low Insertion Loss
logo
Shoulder Electronics Li...
HDF2441ES6 SHOULDER-HDF2441ES6 Datasheet
254Kb / 4P
Low insertion loss and deep stop band attenuation for interference
logo
WALSIN TECHNOLOGY CORPO...
AMDIP1608070GM1T76 WALSIN-AMDIP1608070GM1T76 Datasheet
690Kb / 6P
Low Insertion Loss
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com