Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2270 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F2270
Description  75廓 Voltage Variable Attenuator 5MHz to 3000MHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2270 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F2270 Datasheet HTML 1Page - Renesas Technology Corp F2270 Datasheet HTML 2Page - Renesas Technology Corp F2270 Datasheet HTML 3Page - Renesas Technology Corp F2270 Datasheet HTML 4Page - Renesas Technology Corp F2270 Datasheet HTML 5Page - Renesas Technology Corp F2270 Datasheet HTML 6Page - Renesas Technology Corp F2270 Datasheet HTML 7Page - Renesas Technology Corp F2270 Datasheet HTML 8Page - Renesas Technology Corp F2270 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
75Ω Voltage Variable Attenuator
5MHz to 3000MHz
F2270
Datasheet
1
January 16, 2019
Description
The F2270 is a 75Ω, low insertion loss voltage variable RF
attenuator (VVA) designed for a multitude of wireless and other RF
applications. This device covers a broad frequency range from
5MHz to 3000MHz. In addition to providing low insertion loss, the
F2270 provides excellent linearity performance over its entire
attenuation range.
The F2270 uses a positive supply voltage of 3.3V or 5V. Other
features include a VMODE pin allowing either a positive or negative
voltage control slope versus attenuation and multi-directional
operation where the RF input can be applied to either the RF1 or
RF2 pins. The attenuation control voltage range is from 0V to 5V
using either a 3.3V or 5V power supply.
Competitive Advantage
The F2270 provides extremely low insertion loss and superb IP3,
IP2, return loss performance, and slope linearity across the control
range. Compared to the previous state-of-the-art for silicon VVAs,
this device provides superior performance:
Operation down to 5MHz
Insertion loss at 300MHz of 1.1dB
Typical attenuation slope: 10dB/Volt
Minimum OIP3 (maximum attenuation): +35dBm
Minimum IIP2 (maximum attenuation, > 35MHz): +85dBm
Typical Applications
CATV/Broadband Applications
Headend
Fiber/HFC Distribution Nodes
CATV Test Equipment
Features
Frequency range: 5MHz to 3000MHz
Low insertion loss: 1.1dB at 300MHz
Typical/Minimum IIP3 ≥ 50MHz: 62dBm / 46dBm
Typical/Minimum IIP2 ≥ 50MHz: 98dBm / 77dBm
Up to 35dB attenuation range
Attenuation slope versus VCTRL: 10dB/Volt
Bi-directional RF ports
+36dBm input P1dB
VMODE pin allows either positive or negative attenuation control
response
Linear-in-dB attenuation characteristic
Nominal supply voltage: 3.3V or 5V
VCTRL range: 0V to 5V using 3.3V or 5V supply
-40°C to +105°C operating temperature range
3 × 3 mm, 16-VFQFPN package
Block Diagram
Figure 1. Block Diagram
RF1
RF2
Control
VCTRL
VMODE
VDD


Similar Part No. - F2270

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2270 IDT-F2270 Datasheet
4Mb / 28P
75(ohm) Voltage Variable Attenuator 5MHz to 3000MHz
F2270 IDT-F2270 Datasheet
1Mb / 29P
Voltage Variable Attenuator
F2270EVBI IDT-F2270EVBI Datasheet
4Mb / 28P
75(ohm) Voltage Variable Attenuator 5MHz to 3000MHz
F2270EVBI IDT-F2270EVBI Datasheet
1Mb / 29P
Voltage Variable Attenuator
F2270NLGK IDT-F2270NLGK Datasheet
4Mb / 28P
75(ohm) Voltage Variable Attenuator 5MHz to 3000MHz
More results

Similar Description - F2270

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RVA-3000 MINI-RVA-3000 Datasheet
210Kb / 2P
Voltage Variable Attenuator 50廓 20 to 3000 MHz
logo
SIPAT Co,Ltd
SP4307 SIPAT-SP4307 Datasheet
935Kb / 10P
75 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE4307 PSEMI-PE4307_14 Datasheet
1Mb / 11P
75廓 RF Digital Attenuator
PE4308 PSEMI-PE4308_14 Datasheet
1Mb / 11P
75 廓 RF Digital Attenuator
logo
RF Micro Devices
RFSA3043 RFMD-RFSA3043 Datasheet
3Mb / 18P
75廓 Voltage Controlled Attenuator 5MHz to 3000MHz
logo
Integrated Device Techn...
F2270 IDT-F2270 Datasheet
4Mb / 28P
75(ohm) Voltage Variable Attenuator 5MHz to 3000MHz
logo
Renesas Technology Corp
F1975 RENESAS-F1975 Datasheet
3Mb / 27P
6-Bit, 75廓 Digital Step Attenuator 5MHz to 3GHz
F2971 RENESAS-F2971 Datasheet
5Mb / 18P
75廓 SP2T RF Switch 5MHz to 3000MHz
logo
Qorvo, Inc
QPC4043 QORVO-QPC4043 Datasheet
1,010Kb / 17P
75廓 5 ??000MHz Voltage Controlled Attenuator
March 3, 2022
logo
Renesas Technology Corp
F2255 RENESAS-F2255 Datasheet
2Mb / 27P
Voltage Variable RF Attenuator 1MHz to 3000MHz
May 7, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com