Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5002 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 5002
Description  75廓 Voltage Variable Attenuator 5MHz to 3000MHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

5002 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 5002 Datasheet HTML 3Page - Renesas Technology Corp 5002 Datasheet HTML 4Page - Renesas Technology Corp 5002 Datasheet HTML 5Page - Renesas Technology Corp 5002 Datasheet HTML 6Page - Renesas Technology Corp 5002 Datasheet HTML 7Page - Renesas Technology Corp 5002 Datasheet HTML 8Page - Renesas Technology Corp 5002 Datasheet HTML 9Page - Renesas Technology Corp 5002 Datasheet HTML 10Page - Renesas Technology Corp 5002 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
F2270 Datasheet
© 2019 Integrated Device Technology, Inc.
7
January 16, 2019
Electrical Characteristics (continued)
Table 5.
Electrical Characteristics (No External RF Tuning)
Refer to the application circuit in Figure 60 for the required circuit and use L1 = L2 = 0Ω. The specifications in this table apply at VDD = +5.0V,
TEP = +25°C, fRF = 500MHz, ZS = ZL = 75Ω, signal applied to RF1, minimum attenuation, PIN = 0dBm for small signal parameters, PIN = +20dBm
per tone for two tone tests, VMODE is LOW or HIGH, and Evaluation Board (EVKit) trace and connector losses are de-embedded, unless
otherwise noted.
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Insertion Loss, IL
AMIN
Minimum attenuation
1.1
1.8 [a]
dB
Maximum Attenuation
AMAX
fRF = 5MHz
23
dB
fRF = 10MHz
28
fRF = 500MHz
33
35
300MHz < fRF ≤ 1800MHz
35
Attenuation Variation [c]
AVAR
VCTRL = 1.0 V, VMODE = LOW
± 1.5
dB
VCTRL = 2.1 V, VMODE = LOW
± 2.8
Relative Insertion Phase
ΦΔMAX
At maximum attenuation relative
to minimum attenuation
9
deg
RF1 Return Loss
(over control voltage range)
S11
5MHz ≤ fRF ≤ 300MHz
23
dB
300MHz < fRF ≤ 1220MHz
15
1220MHz < fRF ≤ 1800MHz
12
RF2 Return Loss
(over control voltage range)
S22
5MHz ≤ fRF ≤ 300MHz
23
dB
300MHz < fRF ≤ 1220MHz
15
1220MHz < fRF ≤ 1800MHz
12
Input Power Compression [b]
IP1dB
36
dBm
Input IP3
IIP3
fRF = 5MHz, 1MHz spacing
45
dBm
fRF = 50MHz, 5MHz spacing
57
300MHz < fRF < 2GHz,
50MHz spacing
60
Input IP3 over Attenuation
IIP3ATTEN All attenuation settings
46
dBm
Minimum Output IP3
OIP3MIN
Maximum attenuation
35
dBm
Input IP2
IIP2
IM2 term is f1 + f2
98
dBm
Minimum Input IP2
IIP2MIN
All attenuation settings
77
dBm
Input 2nd Harmonic Intercept Point
IIPH2
PIN + H2dBc
82
dBm
Input 3rd Harmonic Intercept Point
IIPH3
PIN + (H3dBc /2)
50
dBm
[a] Specifications in the minimum/maximum columns that are shown in bold italics are guaranteed by test. Specifications in these
columns that are not shown in bold italics are guaranteed by design characterization.
[b] The input 1dB compression point is a linearity figure of merit. Refer to the “Absolute Maximum Ratings” section for the
maximum RF input power.
[c] This value is for part to part variation at the given voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com