Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2914 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F2914
Description  High Reliability SP4T RF Switch, 50MHz to 8000MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2914 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F2914 Datasheet HTML 1Page - Renesas Technology Corp F2914 Datasheet HTML 2Page - Renesas Technology Corp F2914 Datasheet HTML 3Page - Renesas Technology Corp F2914 Datasheet HTML 4Page - Renesas Technology Corp F2914 Datasheet HTML 5Page - Renesas Technology Corp F2914 Datasheet HTML 6Page - Renesas Technology Corp F2914 Datasheet HTML 7Page - Renesas Technology Corp F2914 Datasheet HTML 8Page - Renesas Technology Corp F2914 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Datasheet
F2914
High Reliability SP4T RF Switch, 50MHz to 8000MHz
X0007072 Rev.1.0
Dec.1.20
Page 1
Description
The F2914 is a high reliability, low insertion loss,
50Ω SP4T absorptive RF switch designed for a
multitude of RF applications including wireless
communications. This device covers a broad
frequency range from 50MHz to 8000MHz. In
addition to providing low insertion loss, the F2914
also delivers excellent linearity and isolation
performance while providing a 50
Ω termination to
the unused RF input ports. The F2914 also includes
a patent pending constant impedance (KZ) feature.
KZ improves system hot switching ruggedness,
minimizes LO pulling in VCOs, and reduces phase
and amplitude variations in distribution networks. It
is also ideal for dynamic switching / selection
between two or more amplifiers while avoiding
damage to upstream /downstream sensitive devices
such as PAs and ADCs.
The F2914 uses a single positive supply voltage
supporting three logic control pins using either 3.3V
or 1.8V control logic. Connecting a negative voltage
to pin 20 disables the internal negative voltage
generator and becomes the negative supply.
Functional Block Diagram
Control
Circuit
RF4
RF2
RF1
V1 V2 V3
RFC
50
Ω
50
Ω
50
Ω
RF3
50
Ω
VSSEXT
K|Z|
Features
•
Four symmetric, absorptive RF ports
•
High Isolation: 50dB at 4000MHz
•
Low Insertion Loss: 1.1 dB at 4000MHz
•
High Linearity:
o
IIP2 of 114 dBm at 2000MHz
o
IIP3 of 60 dBm at 4000MHz
•
High Operating Power Handling:
o
33 dBm CW on selected RF port
o
27 dBm on terminated ports
•
Single 2.7V to 5.5V supply voltage
•
External Negative Supply Option
•
3.3V and 1.8V compatible control logic
•
Operating temperature -40°C to +105°C
•
4 × 4 mm 24-pin QFN package
•
Pin compatible with competitors
Competitive Advantage
The F2914 provides constant impedance in all RF
ports during transitions improving a system’s hot-
switching ruggedness. The device also supports
high power handling, and high isolation; particularly
important for DPD receiver use.
•
Constant impedance K|Z| during switching
transition
•
RFX to RFC Isolation = 50dB at 4GHz
•
Insertion Loss = 1.1 dB at 4GHz
•
IIP3: +60 dBm at 4GHz
•
Extended temperature: -40°C to +105°C
Applications
•
Base Station 2G, 3G, 4G
•
Portable Wireless
•
Repeaters and E911 systems
•
Digital Pre-Distortion
•
Point to Point Infrastructure
•
Public Safety Infrastructure
•
Military Systems, JTRS radios
•
Cable Infrastructure
•
Test / ATE Equipment


Similar Part No. - F2914

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2914 IDT-F2914 Datasheet
1Mb / 19P
High Reliability SP4T RF Switch
F2914NBGK IDT-F2914NBGK Datasheet
258Kb / 1P
High Reliability SP4T RF Switch
More results

Similar Description - F2914

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TWP2261 SPECTRUM-TWP2261 Datasheet
61Kb / 1P
SP4T RF SWITCH
logo
Integrated Device Techn...
F2914NBGK IDT-F2914NBGK Datasheet
258Kb / 1P
High Reliability SP4T RF Switch
F2914 IDT-F2914 Datasheet
1Mb / 19P
High Reliability SP4T RF Switch
logo
Mini-Circuits
ZSWA4-63DR MINI-ZSWA4-63DR Datasheet
708Kb / 7P
SP4T RF Switch
logo
Infineon Technologies A...
BGSA142MN12 INFINEON-BGSA142MN12 Datasheet
417Kb / 2P
High RF Voltage SP4T Switch
Revision 1.1 2020-02-17
logo
Renesas Technology Corp
F2913 RENESAS-F2913 Datasheet
1Mb / 20P
High Isolation SP2T RF Switch 50MHz to 6000MHz
F2915 RENESAS-F2915 Datasheet
757Kb / 19P
High Reliability SP5T RF Switch 50MHz to 8000MHz
F2934 RENESAS-F2934 Datasheet
297Kb / 3P
High Reliability SP2T RF Switch 50MHz to 6000MHz
F2955 RENESAS-F2955 Datasheet
1Mb / 22P
High Reliability SP5T RF Switch 50MHz to 8000MHz
F2934 RENESAS-F2934_V01 Datasheet
1Mb / 21P
High Reliability SP2T RF Switch 50MHz to 6000MHz
Apr 28, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com