Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2933 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F2933
Description  High Reliability SP2T RF Switch 50 MHz to 8000 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2933 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F2933 Datasheet HTML 1Page - Renesas Technology Corp F2933 Datasheet HTML 2Page - Renesas Technology Corp F2933 Datasheet HTML 3Page - Renesas Technology Corp F2933 Datasheet HTML 4Page - Renesas Technology Corp F2933 Datasheet HTML 5Page - Renesas Technology Corp F2933 Datasheet HTML 6Page - Renesas Technology Corp F2933 Datasheet HTML 7Page - Renesas Technology Corp F2933 Datasheet HTML 8Page - Renesas Technology Corp F2933 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
F2933
Datasheet
High Reliability SP2T RF Switch
50 MHz to 8000 MHz
F2933, Rev O 05/04/2016
1
GENERAL DESCRIPTION
The F2933 is a high reliability, low insertion loss, 50 Ω
SP2T absorptive RF switch designed for a multitude of
wireless and other RF applications. This device covers
a broad frequency range from 50 MHz to 8000 MHz.
In addition to providing low insertion loss, the F2933
also delivers high linearity and high isolation
performance while providing a 50 Ω termination to the
unused RF input port.
The F2933 uses a single positive supply voltage of
2.7 V to 5.5 V supporting three states using either
3.3 V or 1.8 V control logic.
COMPETITIVE ADVANTAGE
The F2933 provides the following advantages
Insertion Loss = 0.79 dB*
RFX to RFC Isolation = 67 dB*
IIP3 = +64 dBm*
Active Port Operating Power Handling = 34 dBm
Term Port Operating Power Handling = 27 dBm
Extended Temperature Range = -40°C to 105°C
* 2 GHZ
APPLICATIONS
•
Base Station 2G, 3G, 4G
•
Portable Wireless
•
Repeaters and E911 systems
•
Digital Pre-Distortion
•
Point to Point Infrastructure
•
Public Safety Infrastructure
•
WIMAX Receivers and Transmitters
•
Military Systems, JTRS radios
•
RFID handheld and portable readers
•
Test / ATE Equipment
FEATURES
•
High Isolation:
o
70 dB @ 1 GHz
o
67 dB @ 2 GHz
o
65 dB @ 3 GHz
o
66 dB @ 4 GHz
•
High Linearity:
o
IIP2 of 111 dBm
o
IIP3 of 64 dBm @ 2 GHz
•
Wide Single Positive Supply Voltage Range
•
3.3 V and 1.8 V compatible control logic
•
Operating temperature -40 °C to +105 °C
•
4 mm x 4 mm 16 pin QFN package
FUNCTIONAL BLOCK DIAGRAM
Control
Circuit
VDD
VCTL
RFC
RF1
RF2
50Ω
50Ω
ORDERING INFORMATION
F2933NBGP8
Green
Tape &
Reel


Similar Part No. - F2933

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2933 IDT-F2933 Datasheet
2Mb / 19P
High Reliability SP2T RF Switch
More results

Similar Description - F2933

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2970 IDT-F2970 Datasheet
2Mb / 20P
75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
F2933 IDT-F2933 Datasheet
2Mb / 19P
High Reliability SP2T RF Switch
F2932 IDT-F2932 Datasheet
2Mb / 20P
High Reliability SP2T RF Switch
F2912 IDT-F2912 Datasheet
2Mb / 23P
High Reliability SP2T RF Switch
logo
Renesas Technology Corp
F2912 RENESAS-F2912 Datasheet
3Mb / 24P
High Reliability SP2T RF Switch 9 kHz to 9000 MHz
F2923 RENESAS-F2923 Datasheet
3Mb / 22P
Constant Impedance K|Z| SP2T RF Switch 300 kHz to 8000 MHz
F2932 RENESAS-F2932 Datasheet
4Mb / 21P
High Reliability SP2T RF Switch 50 MHz to 8000 MHz
F2970 RENESAS-F2970 Datasheet
3Mb / 21P
75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
F2912 RENESAS-F2912_V01 Datasheet
2Mb / 25P
High Reliability SP2T RF Switch
Sep 20, 2021
F2934 RENESAS-F2934_V01 Datasheet
1Mb / 21P
High Reliability SP2T RF Switch 50MHz to 6000MHz
Apr 28, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com