Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F5280 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F5280
Description  Transmit/Receive Half-Duplex IC 25GHz to 31GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F5280 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F5280 Datasheet HTML 1Page - Renesas Technology Corp F5280 Datasheet HTML 2Page - Renesas Technology Corp F5280 Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Transmit/Receive Half-Duplex
IC 25GHz to 31GHz
F5280
Short-Form Datasheet
© 2018 Renesas Electronics Corporation
1
November 6, 2018
Description
The F5280 is a 4-channel TRX half-duplex silicon IC designed
using a SiGe BiCMOS process for 28GHz 5G phased-array
applications. The core IC has very flexible gain and phase control
on each channel to achieve fine beam steering and gain
compensation between radiating channels. The core design
includes standard SPI protocol that operates up to 50MHz with fast-
beam switching, fast beam-state loading, and fast four on-chip
beam storage.
Competitive Advantage
High integration
Fast switching
Fast and flexible state programming and loading
Minimal footprint
Typical Applications
5G Phased-Array
Beam Steering
Features
25GHz to 31GHz operation
4 radiation channels
100ns typical RF switch Tx/Rx mode switching time
20ns typical gain and phase settling time
3° typical RMS phase error
0.4dB typical RMS gain error
Advanced SPI with 4 state memory
6-bit chip address
Integrated PTAT with external biasing
Internal temperature sensor
Up to 50MHz SPI control
Programmable on-chip memory
Supply voltage: +2.3V to +2.7V
-40°C to +105°C ambient operating temperature range
3.6 × 3.6 mm, 49-BGA package
Block Diagram
Figure 1. Block Diagram
RF1
RF2
RF4
RF3
RFC


Similar Part No. - F5280

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F5280 IDT-F5280 Datasheet
54Kb / 2P
Transmit/Receive Half Duplex IC
F5280AVGK IDT-F5280AVGK Datasheet
54Kb / 2P
Transmit/Receive Half Duplex IC
F5280AVGK8 IDT-F5280AVGK8 Datasheet
54Kb / 2P
Transmit/Receive Half Duplex IC
F5280EVB IDT-F5280EVB Datasheet
54Kb / 2P
Transmit/Receive Half Duplex IC
F5280EVS IDT-F5280EVS Datasheet
54Kb / 2P
Transmit/Receive Half Duplex IC
More results

Similar Description - F5280

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2436 RFMD-RF2436 Datasheet
42Kb / 6P
TRANSMIT/RECEIVE SWITCH
logo
Intel Corporation
2912A INTEL-2912A Datasheet
680Kb / 12P
PCM TRANSMIT/RECEIVE FILTER
logo
ATMEL Corporation
T0980 ATMEL-T0980 Datasheet
264Kb / 8P
SiGe Transmit/ Receive Frontend IC
logo
RF Micro Devices
RF2436 RFMD-RF2436_06 Datasheet
65Kb / 6P
TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_1 Datasheet
144Kb / 6P
TRANSMIT/RECEIVE SWITCH
RF6599 RFMD-RF6599 Datasheet
556Kb / 9P
915MHz Transmit/Receive Module
logo
Integrated Device Techn...
F5280 IDT-F5280 Datasheet
54Kb / 2P
Transmit/Receive Half Duplex IC
logo
Renesas Technology Corp
F5268 RENESAS-F5268 Datasheet
291Kb / 3P
Transmit/Receive Half Duplex IC 24.25GHz to 27.5GHz
F5288 RENESAS-F5288 Datasheet
234Kb / 3P
Transmit/Receive Half Duplex IC 26.5GHz to 29.5GHz
logo
Qorvo, Inc
RFFM6906 QORVO-RFFM6906 Datasheet
384Kb / 7P
3.1V to 4.0V, 915MHz Transmit/Receive Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com