Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLS85LS1016P Datasheet(PDF) 4 Page - Greenliant systems

Part # GLS85LS1016P
Description  Industrial Grade SATA NANDrive
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLIANT [Greenliant systems]
Direct Link  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS85LS1016P Datasheet(HTML) 4 Page - Greenliant systems

  GLS85LS1016P Datasheet HTML 1Page - Greenliant systems GLS85LS1016P Datasheet HTML 2Page - Greenliant systems GLS85LS1016P Datasheet HTML 3Page - Greenliant systems GLS85LS1016P Datasheet HTML 4Page - Greenliant systems GLS85LS1016P Datasheet HTML 5Page - Greenliant systems GLS85LS1016P Datasheet HTML 6Page - Greenliant systems GLS85LS1016P Datasheet HTML 7Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Factsheet 02.100
July 2018
These specifications are subject to change without notice.
07/10/2018
© 2018 Greenliant
4
S71445-F
GLS85LS1016P / 1032P
Industrial Grade
SATA NANDrive™
3.0
P R ODUC T OR DE R ING INF OR MATION
GLS 85 LS 1
0xxP - S -
I - FZJE - NDxxx
XX XX X XXXX - X - X - XXXX - XXXXX
Ordering Code
4)
NDxxx or TTxxx = NANDrive revision
Exxxx = Evaluation Board revision
Environmental Attribute
E = non-Pb solder (RoHS Compliant)
Package Modifier
ZJ = 145-ball positions
Package Type
F = FBGA
Operation Temperature
I = Industrial: -40°C to +85°C
NAND Configuration
S = 1 bit per cell
Generation / Product Configuration
P = First generation
Capacity
016 = 16 GByte
032 = 32 GByte
MByte or GByte Designator
0 = MByte
1 = GByte
Interface
S = SATA
Voltage
L = 3.3V
Product Series
85 = NANDrive
4)
Note that the top side marking on the package typically does not include ordering codes (e.g. NDxxx), unless it is a special C-SPEC
(custom specification) which is required by the end-customer to be marked on the device.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com