Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLS85LS1002E Datasheet(PDF) 2 Page - Greenliant systems

Part # GLS85LS1002E
Description  Industrial Grade SATA NANDrive
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLIANT [Greenliant systems]
Direct Link  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS85LS1002E Datasheet(HTML) 2 Page - Greenliant systems

  GLS85LS1002E Datasheet HTML 1Page - Greenliant systems GLS85LS1002E Datasheet HTML 2Page - Greenliant systems GLS85LS1002E Datasheet HTML 3Page - Greenliant systems GLS85LS1002E Datasheet HTML 4Page - Greenliant systems GLS85LS1002E Datasheet HTML 5Page - Greenliant systems GLS85LS1002E Datasheet HTML 6Page - Greenliant systems GLS85LS1002E Datasheet HTML 7Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Greenliant Proprietary & Confidential
Datasheet 01.000
August 2019
These specifications are subject to change without notice.
08/08/2019
© 2019 Greenliant
2
S71469-01
GLS85LS1002E/1004E/1008E/1016E/1032E/1064E
Industrial Grade SATA NANDrive™ EX Series
1.0
GENERAL DESCRIPTION
Each SATA NANDrive contains an integrated SATA NAND flash memory controller and up to eight discrete
NAND flash die in a BGA package. Refer to Figure 2-1 for the SATA NANDrive block diagram.
1.1
Optimized SATA NANDrive
The heart of SATA NANDrive is the SATA NAND
flash memory controller which translates standard
SATA signals into flash media data and control
signals. The following components contribute to
SATA NANDrive’s operation.
1.1.1
Microcontroller Unit (MCU)
The MCU translates SATA commands into data and
control signals required for flash media operation.
1.1.2
Internal Direct Memory Access (DMA)
SATA NANDrive uses internal DMA allowing instant
data transfer from/to buffer to/from flash media. This
implementation eliminates microcontroller overhead
associated
with
the
traditional,
firmware-based
approach, thereby increasing the data transfer rate.
1.1.3
Power Management Unit (PMU)
The PMU controls the power consumption of SATA
NANDrive. The PMU dramatically reduces the power
consumption of SATA NANDrive by putting the part
of the circuitry that is not in operation into sleep
mode.
The Flash File System handles inadvertent power
interrupts and has auto-recovery capability to ensure
SATA NANDrive firmware integrity. For regular
power
management,
the
host
must
send
a
STANDBY_IMMEDIATE (E0h), IDLE_IMMEDIATE
(E1h), STANDBY (E2h) or IDLE (E3h) command
and wait for the command-ready before powering
down SATA NANDrive.
1.1.4
Embedded Flash File System
The embedded flash file system is an integral part of
SATA NANDrive. It contains MCU firmware that
performs the following tasks:
1.
Translates host side signals into flash media
writes and reads
2.
Provides flash media wear leveling to spread
the flash writes across all memory address
space to increase the longevity of flash media
3.
Keeps track of data file structures
4.
Manages system security for the selected
protection zones
1.1.5
Error Correction Code (ECC)
The ECC technology uses advanced algorithms to
detect and correct errors, ensuring data integrity and
extending the SSD lifespan.
1.1.6
Serial Communication Interface (SCI)
The
Serial
Communication
Interface
(SCI)
is
designed for error reporting. During the product
development stage, it is recommended to provide
the SCI port on the PCB to aid in design validation.
1.1.7
Multi-tasking Interface
The multi-tasking interface enables fast, sequential
write performance by allowing concurrent Read,
Program and Erase operations to multiple flash
media.
1.2
SMT Reflow Consideration
Preprogrammed NAND devices have temperature
limits due to data retention. The EnduroSLC™ SATA
NANDrive family uses high-grade SLC NAND flash
which
can
retain
data
in
high
temperature
environments.
Using
Greenliant’s
recommended
reflow profile during production will help prevent
damage to the device and ensure better retention of
any preprogrammed data through the surface-mount
soldering process. See the relevant datasheet
section
describing
the
recommended
reflow
temperature limits.
1.3
Advanced NAND Management
SATA
NANDrive’s
integrated
controller
uses
advanced wear-leveling algorithms to substantially
increase the longevity of NAND flash media. Wear
caused by data writes is evenly distributed across all
or select blocks in the device to prevent “hot spots”
in locations that are programmed and erased
extensively. This effective wear-leveling technique
results in optimized device endurance, enhanced
data retention and higher reliability required by long-
life applications.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com