Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLS86FC008G1 Datasheet(PDF) 6 Page - Greenliant systems

Part # GLS86FC008G1
Description  Industrial Grade mSATA ArmourDrive EX Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLIANT [Greenliant systems]
Direct Link  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS86FC008G1 Datasheet(HTML) 6 Page - Greenliant systems

  GLS86FC008G1 Datasheet HTML 1Page - Greenliant systems GLS86FC008G1 Datasheet HTML 2Page - Greenliant systems GLS86FC008G1 Datasheet HTML 3Page - Greenliant systems GLS86FC008G1 Datasheet HTML 4Page - Greenliant systems GLS86FC008G1 Datasheet HTML 5Page - Greenliant systems GLS86FC008G1 Datasheet HTML 6Page - Greenliant systems GLS86FC008G1 Datasheet HTML 7Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Factsheet 02.000
January 2020
These specifications are subject to change without notice.
01/03/2020
© 2020 Greenliant
6
S71468-01
GLS FS0019 Rev. 00
GLS86FCxxxG1 / GLS86FCxxxG8
Industrial Grade mSATA ArmourDrive™ EX Series
3.2
Board Diagrams
TOP VIEW
SIDE VIEW
BOTTOM VIEW
Note:
All dimensions are in millimeters, unless otherwise specified.
Tolerances on all dimensions are ± 0.15 mm, unless otherwise specified.
Figure 3-1: mSATA ArmourDrive Dimensions



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com