Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTD8203 Datasheet(PDF) 10 Page - First Silicon Co., Ltd

Part # FTD8203
Description  White LED Step-up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD8203 Datasheet(HTML) 10 Page - First Silicon Co., Ltd

Back Button FTD8203 Datasheet HTML 5Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 6Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 7Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 8Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 9Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 10Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 11Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 12Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 13Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Function Description
Main Control Loop
The FTD8203 is a constant frequency current-mode switching
regulator. During normal operation, the internal N-channel power
MOSFET is turned on each cycle when the oscillator sets an
internal RS latch and turned off when an internal comparator
(ICMP) resets the latch. The peak inductor current at which ICMP
resets the RS latch is controlled by the voltage on the COMP
node, which is the output of the error amplifier (EAMP). An
external current-sense resistor connected between cathode of
the lowest LED and ground allows the EAMP to receive a current
feedback voltage VFB at FB pin. When the LEDs voltage
decreases to cause the LEDs current to decrease,it causes a
slightly decrease in VFB relative to the reference voltage, which in
turn causes the COMP voltage to increase until the LEDs current
reaches the set point.
VIN Under-Voltage Lockout (UVLO)
The Under-Voltage Lockout (UVLO) circuit compares the input
voltage at VIN with the UVLO threshold (2.2V rising,typical) to
ensure the input voltage is high enough for reliable operation.
The 100mV (typ) hysteresis prevents supply transients from
causing a restart. Once the input voltage exceeds the UVLO
rising threshold, startup begins.When the input voltage falls
below the UVLO falling threshold, the controller turns off the
converter.
Soft-Start
The FTD8203 has a built-in soft-start to control the N channel
MOSFET current raises during start-up. During soft-start, an
internal ramp voltage connected to one of the inverting inputs of
the current limit comparator. The inductor current limit is
proportional to the voltage. When the threshold voltage of the
internal soft-start comparator is reached, the full current limit is
released.
Current-Limit Protection
The FTD8203 monitors the inductor current, flowing through the
N-channel MOSFET, and limits the current peak at current-limit
level to prevent loads and the device from damages in overload
conditions.
Over-Temperature Protection (OTP)
The over-temperature circuit limits the junction temperature of the
FTD8203.When the junction temperature exceeds150℃, a thermal
sensor turns off the power MOSFET, allowing the device to cool.
The thermal sensor allows the converter to start a soft-start
process and regulate the LEDs current again after the junction
temperature cools by 40℃. The OTP is designed with a 40℃
hysteresis to lower the average Junction Temperature (TJ) during
continuous thermal overload conditions, increasing the lifetime of
the device.
Enable/Shutdown
Driving EN to ground places the FTD8203 in shutdown mode.When
in shutdown, the internal power MOSFET turns off, all internal
circuitry shuts down and the quiescent supply current reduces to
1uA maximum. This pin also could be used as a digital input
allowing brightness controlled by using a PWM signal with
frequency from 100Hz to 100kHz. The 0% duty cycle of PWM
signal corresponds to zero LEDs current and 100% corresponds to
full one. Suggestion dimmimg duty range is from 8% to 100% at
100kHz dimmimg frequency.
Open-LED Protection
In driving LED applications, the feedback voltage on FB pin falls
down if one of the LEDs, in series, is failed.Meanwhile, the
converter unceasingly boosts the output voltage like an open-loop
operation. Therefore, an overvoltage protection monitoring the
output voltage via OVP pin is integrated into the chip to prevent the
LX and the output voltages from exceeding their maximum voltage
ratings. Once the voltage on the OVP pin rises above the OVP
threshold, the converter stops switching and prevents the output
voltage from rising. The converter can work again when the OVP
voltage falls below the falling of OVP voltage threshold.
White LED Step-up Converter
2019. 02. 08
10/13
Revision No : 0
FTD8203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com