Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P0640C2 Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Part # P0640C2
Description  Thyristor Surge Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

P0640C2 Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  P0640C2 Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD P0640C2 Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD P0640C2 Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD P0640C2 Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
P0080C2 Thru P0640C2
Electrical Characteristics
Part
Number
Marking
VDRM
@IDRM=5μ
A
VS
@100V/
μs
IH
Min
IS
Max
IT
Max
VT@IT
=2.2Am
ps
Capacitance
@1MHz,2V
bias
IPP
10/700us Delivery Time
V min
V max
mA
mA
A
Vmax
pF
V
Days
P0080C2
P008C2
6
25
50
800
2.2
4
120
6000
14days
P0300C2
P03C2
25
40
50
800
2.2
4
120
6000
14days
P0640C2
P06C2
58
77
50
800
2.2
4
120
6000
14days
Notes:
-All measurements are made at an ambient temperature of 25°C .Ipp applies to -40°C through +85°C temperature range .
-Off-state capacitance(Co) is typical value.
Series
Ipp
2x10µs
Ipp
8x20µs
Ipp
10x160µs
Ipp
10x1000µs
Ipp
5x320µs
Ipp
10x360µs
Amps
Amps
Amps
Amps
Amps
Amps
C
500
400
200
100
150
75
Package
DO-214AA/SMB
Symbol
Parameter
Value
Unit
TJ
Operating Junction Temperature Range
-40 to +150
°C
TS
Storage Temperature Range
-65 to +150
°C
RθJA
Junction to Ambient on prited circuit
90
°C /W
Description of Part Number
P 0080 C 2
Twin Chip
Ipp Rating(10x1000µs)C=100A
Voltage
P= Thyristor Surge Suppressors
Specifications are subject to change without notice
2
Tel: +86-755-27465585
HUAAN LIMITED
www.huaandz.com
Email: sales@huaandz.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com