Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F6121 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F6121
Description  Dual-beam Rx Active Beamforming IC 10.7 ??12.75 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F6121 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F6121 Datasheet HTML 1Page - Renesas Technology Corp F6121 Datasheet HTML 2Page - Renesas Technology Corp F6121 Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dual-beam Rx Active Beamforming IC
10.7 – 12.75 GHz
F6121
Short-Form Datasheet
© 2020 Renesas Electronics Corporation
1
June 4, 2020
Description
The F6121 is a 16-channel dual-beam receive active beamforming
RFIC designed for application in Ku-Band SATCOM planar phased
array antennas. The IC has eight RF input ports, two RF output
ports, and 16 (8 per beam) phase/amplitude control channels. The
eight input ports of the IC can be driven by eight single-polarized
elements or four dual-polarized elements of an electronically
scanned array (ESA). Each channel has 6 bits of digital phase and
gain control resolution spanning 360° and 26dB of dynamic range,
enabling precise beam pattern and polarization control.
The IC operates from a single supply of 2.1 - 2.5V. When paired
with the Renesas F6921 LNA, it achieves a typical cascaded gain
of 30dB, while minimizing the front end feed loss due to the
flexibility of LNA physical placement near the antenna feeds. The
chip includes power management features such as a low-power
standby mode, independent enable controls on every channel, and
a single-beam mode activated via a dedicated control pin. The
device SPI bus and control pins operate from standard 1.8V logic
at speeds up to 50MHz. Advanced digital modes and large on-chip
memory allow for < 100ns beam position switching times at the
array level, greatly reducing dead time and latency.
Finally, the compact and CTE-matched FC-BGA organic package
with all single-ended 50ohm matched RF ports and 0.5mm pitch
greatly simplifies the physical integration of these devices onto
large antenna panels.
Block Diagram
Features
10.7 – 12.75GHz operation
Supports 4 dual-pol or 8 single-pol elements
Two simultaneous and independent beam outputs
360° phase control with 6-bit resolution
26dB gain control with 0.45dB step size
2.3V nominal single supply input
Standard 1.8V digital logic
IDAC for external LNA biasing
Temperature compensation
Temperature sensor w/ digital readout
Advanced digital modes with fast beam steering
On-chip beam-state memory
3.8
 4.6  0.9 mm, 63-pin FCBGA
Typical Applications
Phased array antennas
Ku-Band SATCOM terminals
Aerospace, maritime, and SOTM


Similar Part No. - F6121

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F6121 RENESAS-F6121 Datasheet
189Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7–12.75 GHz
May 26, 2021
F6121SAVGI RENESAS-F6121SAVGI Datasheet
189Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7–12.75 GHz
May 26, 2021
F6121SAVGI8 RENESAS-F6121SAVGI8 Datasheet
189Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7–12.75 GHz
May 26, 2021
F6121SEVS RENESAS-F6121SEVS Datasheet
189Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7–12.75 GHz
May 26, 2021
F6121 RENESAS-F6121_V01 Datasheet
189Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7–12.75 GHz
May 26, 2021
More results

Similar Description - F6121

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F6513 RENESAS-F6513 Datasheet
132Kb / 3P
8-Ch Tx Active Beamforming IC 13.75 ??17.3 GHz
F6521 RENESAS-F6521 Datasheet
131Kb / 3P
8-Ch Tx Active Beamforming IC 13.75 ??14.5 GHz
F6522 RENESAS-F6522 Datasheet
131Kb / 3P
8-Ch Tx Active Beamforming IC 27.5 ??31.0 GHz
F6921 RENESAS-F6921 Datasheet
128Kb / 3P
Dual-Channel Low Noise Amplifier 10.7 ??12.75 GHz
logo
NXP Semiconductors
BTS7203U NXP-BTS7203U Datasheet
343Kb / 22P
3.3 GHz - 4.2 GHz RX Analog Front-End IC
Rev. 6.1-29 October 2021
logo
Renesas Technology Corp
F6121 RENESAS-F6121_V01 Datasheet
189Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7–12.75 GHz
May 26, 2021
F6122 RENESAS-F6122 Datasheet
244Kb / 3P
Dual-beam Rx Active Beamforming IC 17.7GHz – 21.2GHz
Nov 16, 2021
F6123 RENESAS-F6123 Datasheet
257Kb / 3P
Dual-beam Rx Active Beamforming IC 14.4 – 17.3 GHz
June 4, 2020
F6212 RENESAS-F6212 Datasheet
261Kb / 3P
Dual-Beam Rx Active Beamforming IC 17.7 – 21.2 GHz
June 4, 2020
F6921 RENESAS-F6921_V01 Datasheet
887Kb / 17P
Dual-Channel Low Noise Amplifier 10.7 – 12.75 GHz
Apr 8, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com