Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDR10D180L Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Part # VDR10D180L
Description  Metal Oxide Varistors (MOV)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

VDR10D180L Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  VDR10D180L Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD VDR10D180L Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD VDR10D180L Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD VDR10D180L Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD VDR10D180L Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD VDR10D180L Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VDR10D Standard MOV
Electrical Characteristics
Part Number
Maximum
Allowable Voltage
Varistor
Voltage
Maximum
Clamping
Voltage
Max Surge
Current 8/20μs
Maximum
Energy
(10/1000μs)
Typical
Capacitance
(Reference)
Safety
Certification
Standard MOV
VAC(V) VDC(V) V1mA(V)
VC(V)
Imax
(J)
1KHz(pf)
UL / CUL
VDE
AT 25A
Standard
Standard
VDR10D180L
11
14
18(15~21.6)
36
500A
2.1
5600
VDR10D220K
14
18
22(19.5~26)
43
500A
2.5
4500
VDR10D270K
17
22
27(24~30)
53
500A
3
3700
VDR10D330K
20
26
33(29.5~36.5)
66
500A
4
3000
VDR10D390K
25
31
39(35~43)
77
500A
4.6
2400
VDR10D470K
30
38
47(42~54)
93
500A
5.5
2100
VDR10D560K
35
45
56(50~62)
100
500A
7
1800
VDR10D680K
40
56
68(61~75)
135
500A
8.2
1500
VDR10D820K
50
65
82(74~90)
135
2500A
12
1200
VDR10D101K
60
85
100(90~110)
165
2500A
15
1000
VDR10D121K
75
100 120(108~132)
200
2500A
18
830
VDR10D151K
95
125 150(135~165)
250
2500A
22
670
VDR10D181K
115
150 180(162~198)
300
2500A
27
560
VDR10D201K
130
170 200(180~220)
340
2500A
30
500
VDR10D221K
140
180 220(198~242)
360
2500A
32
450
VDR10D241K
150
200 240(216~264)
395
2500A
35
420
VDR10D271K
175
225 270(243~297)
455
2500A
40
370
VDR10D301K
190
250 300(270~330)
500
2500A
40
330
VDR10D331K
210
275 330(297~363)
550
2500A
40
300
VDR10D361K
230
300 360(324~396)
595
2500A
43
280
VDR10D391K
250
320 390(351~429)
650
2500A
47
260
VDR10D431K
275
350 430(387~473)
710
2500A
60
230
VDR10D471K
300
385 470(423~517)
775
2500A
65
210
VDR10D511K
320
415 510(459~561)
845
2500A
70
200
VDR10D561K
350
460 560(504~616)
925
2500A
70
180
VDR10D621K
385
505 620(558~682)
1025
2500A
70
160
VDR10D681K
420
560 680(612~748)
1120
2500A
70
150
VDR10D751K
460
615 750(675~825)
1240
2500A
70
130
VDR10D781K
485
640 780(702~858)
1290
2500A
80
130
VDR10D821K
510
670 820(738~902)
1355
2500A
85
120
VDR10D911K
550
745
910(819~1001)
1500
2500A
93
110
VDR10D102K
625
825 1000(900~1100)
1650
2500A
102
100
VDR10D112K
680
895 1100(990~1210)
1815
2500A
115
90



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com