Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTK55P30D Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK55P30D
Description  P-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK55P30D Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK55P30D Datasheet HTML 1Page - First Silicon Co., Ltd FTK55P30D Datasheet HTML 2Page - First Silicon Co., Ltd FTK55P30D Datasheet HTML 3Page - First Silicon Co., Ltd FTK55P30D Datasheet HTML 4Page - First Silicon Co., Ltd FTK55P30D Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2018. 04. 02
2/5
FTK55P30D
Revision No : 2
Electrical characteristics (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Off characteristics
Drain-source breakdown voltage
(BR) DSS
VGS = 0V, ID=-250µA
V
Zero gate voltage drain current
DSS
VDS =-55V, VGS=0V
-1
µA
Gate-body leakage current
GSS
VDS =0V, VGS =±20V
±100
nA
On characteristics (note1)
e
g
a
t
l
o
v
d
l
o
h
s
e
r
th
e -
t
a
G
GS(th)
VDS =VGS, I D=-250µA
-4
V
Static drain-source on-sate resistance
DS(on)
VGS =-10V, ID =-15A
40
mΩ
g
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
t
d
r
a
w
r
o
F
FS
VDS =-25V, ID =-16A
8
S
Dynamic characteristics (note 2)
C
e
c
n
a
t
i
c
a
p
a
c
t
u
p
n
I
iss
3500
C
e
c
n
a
t
i
c
a
p
a
c
t
u
p
t
u
O
oss
240
Reverse transfer capacitance
rss
VDS =-30V,VGS =0V,
f =1MHz
153
pF
Switching characteristics (note 2)
Q
e
g
r
a
h
c
e
t
a
g
l
a
t
o
T
g
56
Q
e
g
r
a
h
c
e
c
r
u
o
s
-
e
t
a
G
gs
11
Q
e
g
r
a
h
c
n
i
a
r
d
-
e
t
a
G
gd
VDS=-30V, VGS=-10V,
ID=-15A
24
nC
t
e
m
i
t
y
a
l
e
d
n
o
-
n
r
u
T
d (on)
12
t
e
m
i
t
e
s
i
r
n
o
-
n
r
u
T
r
15
t
e
m
i
t
y
a
l
e
d
f
f
o
-
n
r
u
T
d(off)
38
t
e
m
i
t
ll
a
f
f
f
o
-
n
r
u
T
f
VDD=-30V, ID =-15A
VGS=-10V,RG =3Ω,
15
ns
Drain-Source Diode Characteristics
Drain-source diode forward voltage(note1)
SD
VGS =0V, IS =-24A
-1.2
V
Continuous drain-source diode forward
current (note3)
IS
-30
A
Pulsed drain-source diode forward current
SM
-120
A
Notes:
1.
Pulse Test : Pulse Width≤300µs, duty cycle ≤2%.
2.
Guaranteed by design, not subject to production.
3.
Surface Mounted on FR4 Board, t≤10 sec.
V
R
C
V
I
I
I
V
4. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference
is defined as the solder mounting surface of the drain pins.
RθJC is guaranteed by design while RθJA is determined by the user’s board design.
52°C/W when mounted on a
1 in2 pad of 2 oz copper
100°C/W when mounted
on a minimum pad.
a)
b)
-55
-2.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com