Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTK3341 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK3341
Description  High Power and current handing capability
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK3341 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK3341 Datasheet HTML 1Page - First Silicon Co., Ltd FTK3341 Datasheet HTML 2Page - First Silicon Co., Ltd FTK3341 Datasheet HTML 3Page - First Silicon Co., Ltd FTK3341 Datasheet HTML 4Page - First Silicon Co., Ltd FTK3341 Datasheet HTML 5Page - First Silicon Co., Ltd FTK3341 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
VIN
VOUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
td(on)
90%
tr
ton
90%
10%
toff
td(off)
tf
90%
VIN
VOUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
td(on)
90%
90%
tr
ton
90%
10%
toff
td(off)
tf
90%
Figure 2:Switching Waveforms
Figure 1:Switching Test Circuit
Figure 3 Power Dissipation
TJ-Junction Temperature(℃)
TJ-Junction Temperature(℃)
Figure 4 Drain Current
-I
-Vds Drain-Source Voltage (V)
D- Drain Current (A)
Figure 6 Drain-Source On-Resistance
Figure 5 Output CHARACTERISTICS
FTK3341
2013. 12. 14
3/6
Revision No : 0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com