Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1180 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # F1180
Description  Dual Path Lowband RF Receiver 400 MHz to 1100 MHz
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1180 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button F1180 Datasheet HTML 5Page - Integrated Device Technology F1180 Datasheet HTML 6Page - Integrated Device Technology F1180 Datasheet HTML 7Page - Integrated Device Technology F1180 Datasheet HTML 8Page - Integrated Device Technology F1180 Datasheet HTML 9Page - Integrated Device Technology F1180 Datasheet HTML 10Page - Integrated Device Technology F1180 Datasheet HTML 11Page - Integrated Device Technology F1180 Datasheet HTML 12Page - Integrated Device Technology F1180 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Dual Path Lowband RF Receiver
400 MHz to 1100 MHz
Glitch-Free
TM, RF Receiver
9
Rev 1, April 2015
IDTF1130NBGI
Datasheet
PIN 8 LATCH ENABLE (LE):
When LE is high (> VIH), the CLK input is disabled. IDT recommends keeping LE high to reduce F1130
sensitivity to CLK bus noise when SPI is not being programmed. When LE is low (< VIL), the DATA word can
be programmed into the shift registers. The programmed word is then latched into F1130 on the LE rising
edge (refer to Figure 1). End of data occurs after 14
th bit.
DEFAULT REGISTER SETTING:
After power on, the default setting for the VGA is Bypass OFF mode with attenuation set to 30 dB. This means the
amplifier is in the signal path with maximum attenuation.
TYPICAL OPERATING CONDITIONS (TOC)
Unless otherwise noted for the TOC graphs on the following pages, the following conditions apply.
•
VCC = +5.00 V
•
TCASE = +25 °C
•
FRF = 900 MHz
•
FIF = 199 MHz
•
FLO = 1100 MHz
•
PLO = 0 dBm
•
RF VGA output = -5 dBm/tone
•
RF Mixer output = 0 dBm/tone
•
Attenuator = 0 dB
•
STBY_A, STBY_B = GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com