Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F0480 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F0480
Description  400 MHz ??2700 MHz 13 dB typical max gain
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0480 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F0480 Datasheet HTML 1Page - Renesas Technology Corp F0480 Datasheet HTML 2Page - Renesas Technology Corp F0480 Datasheet HTML 3Page - Renesas Technology Corp F0480 Datasheet HTML 4Page - Renesas Technology Corp F0480 Datasheet HTML 5Page - Renesas Technology Corp F0480 Datasheet HTML 6Page - Renesas Technology Corp F0480 Datasheet HTML 7Page - Renesas Technology Corp F0480 Datasheet HTML 8Page - Renesas Technology Corp F0480 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Matched Broadband RF VGA
400MHz to 2700MHz
Glitch-Free
TM, Zero-DistortionTM, RF VGA
1
Rev 3, April 2015
IDTF0480NBGI
Datasheet
GENERAL DESCRIPTION
This document describes the specifications for the
IDTF0480 400 MHz to 2700 MHz RF Digital Variable Gain
Amplifier used in receiver, transmitter and other
applications.
IDTF0480 RF DVGA provides 13 dB typical maximum
gain (no attenuation) with 4 dB noise figure and 23 dB
gain adjustment in 1 dB steps designed to operate
with a single 5 V supply. Nominally, the device offers
+41 dBm output IP3 using 100 mA of ICC.
This device is packaged in a 5x5 32-pin thin QFN with
50 ohm single-ended RF input and RF output
impedances for ease of integration into the signal-path
lineup.
COMPETITIVE ADVANTAGE
In many applications, digital step attenuators followed
by RF amplifiers are used in the Receive path. The
IDTF0480 RF DVGA provides very high reliability by
combining a silicon Glitch-Free
TM DSA & a Zero-
Distortion
TM RF amplifier in a single, compact QFN
package. Utilizing IDT’s technology, the resultant RF
VGA provides +41 dBm OIP3 performance across a very
wide bandwidth of 400 MHz to 2700 MHz at
approximately 100 mA of current. Furthermore the
device is internally matched so there is no need to
optimize external matching elements.
APPLICATIONS
•
Multi-mode, Multi-carrier Receivers
•
PCS1900 Base Stations
•
DCS1800 Base Stations
•
WiMAX and LTE Base Stations
•
UMTS/WCDMA 3G Base Stations
•
PHS/PAS Base Stations
•
Point to Point Infrastructure
•
Public Safety Infrastructure
•
Broadband Repeaters
•
GPS Receivers
•
Distributed Antenna Systems
•
Cable Infrastructure
•
Digital Radio
FEATURES
•
400 MHz – 2700 MHz
•
< 1 dB overshoot between gain transitions
•
13 dB typical max gain
•
23 dB gain range, 1 dB gain step resolution
•
Excellent linearity +41 dBm OIP3
•
Noise Figure 4 dB
•
ICC = 100 mA
•
1.3 mA standby current
•
SPI interface
•
50
input and output impedance
•
Broadband, Internally Matched
•
Gain increases vs. frequency to counteract
system board losses
•
5x5 32-pin TQFN package
DEVICE BLOCK DIAGRAM
ORDERING INFORMATION
Glitch-Free
TM
Glitch-Free
TM
Zero-Distortion
TM
Zero-Distortion
TM
IDTF0480NBGI8
0.75 mm height
package
Green
Omit IDT
prefix
RF product Line
Tape &
Reel


Similar Part No. - F0480

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F0480 IDT-F0480 Datasheet
1Mb / 27P
Matched Broadband RF VGA
More results

Similar Description - F0480

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-AMC-176 MACOM-AM-AMC-176 Datasheet
222Kb / 3P
Cascadable Thin Film Amplifier, 13 dB Gain, 5 - 1000 MHz
AM-176 MACOM-AM-176 Datasheet
160Kb / 3P
Cascadable Thin Film Amplifier 13 dB Gain, 5 - 1000 MHz
logo
Analog Devices
ADL5320 AD-ADL5320 Datasheet
328Kb / 10P
400 MHz to 2700 MHz Pre-driver RF Amplifier
Rev. PrB
ADL5320 AD-ADL5320_08 Datasheet
691Kb / 16P
400 MHz to 2700 MHz RF Driver Amplifier
REV. 0
logo
M/A-COM Technology Solu...
AM-176 MA-COM-AM-176 Datasheet
83Kb / 3P
Cascadable Thin Film Amplifier, 13 dB Gain, 5 - 1000 MHz
logo
Hittite Microwave Corpo...
HMC926LP5E HITTITE-HMC926LP5E Datasheet
1Mb / 18P
0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 700 - 2700 MHz
logo
M/A-COM Technology Solu...
MAAM-009320 MA-COM-MAAM-009320 Datasheet
306Kb / 11P
Variable Gain Amplifier with Analog Control 400 - 2700 MHz
logo
TriQuint Semiconductor
TQM8M9079 TRIQUINT-TQM8M9079_15 Datasheet
604Kb / 8P
500-2700 MHz Variable Gain Amplifier
logo
M.S. Kennedy Corporatio...
MSK707 MSK-MSK707_15 Datasheet
499Kb / 6P
Unity Gain Bandwidth - 220 MHz Typical
logo
KR Electronics, Inc.
3216-SMA KR-3216-SMA Datasheet
96Kb / 3P
400 MHz Lowpass Filter 1 dB max
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com