Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1950Z Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # F1950Z
Description  Spurious Free Design Attenuation Error < 0.3 dB @ 2 GHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1950Z Datasheet(HTML) 4 Page - Renesas Technology Corp

  F1950Z Datasheet HTML 1Page - Renesas Technology Corp F1950Z Datasheet HTML 2Page - Renesas Technology Corp F1950Z Datasheet HTML 3Page - Renesas Technology Corp F1950Z Datasheet HTML 4Page - Renesas Technology Corp F1950Z Datasheet HTML 5Page - Renesas Technology Corp F1950Z Datasheet HTML 6Page - Renesas Technology Corp F1950Z Datasheet HTML 7Page - Renesas Technology Corp F1950Z Datasheet HTML 8Page - Renesas Technology Corp F1950Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Glitch-FreeTM Digital Step Attenuator
4
Rev 3 Aug 8, 2020
SERIAL CONTROL MODE
Serial mode is selected by floating VMODE (pin3) or pulling it to a voltage > VIH. In serial mode data is clocked in LSB
first. Note the timing diagram below.
Note
– The F1950 includes a CLK inhibit feature designed to minimize sensitivity to CLK bus noise when the device is
not being programmed. When Latch enable is high (> VIH), the CLK input is disabled and DATA will not be clocked into
the shift register. It is recommended that LE be pulled high (> VIH) when the device is not being programmed.
SERIAL REGISTER TIMING DIAGRAM: (Note the Timing Spec Intervals in Blue)
SERIAL MODE DEFAULT CONDITION:
When the device is powered up it will default to the Maximum Attenuation setting as described below:
Note that for the F1950 in all cases (High or 1) = Attenuation Stepped IN. (0 or Low) = Attenuation Stepped OUT.
SERIAL MODE TIMING TABLE:
Interval
Symbol
Description
Min
Spec
Max
Spec
Units
A
Parallel to Serial Setup Time
100
ns
B
Serial Data Hold Time
10
ns
C
LE delay from final serial clock rising edge
10
ns
Data Word 8 bits
D0
D1
D5
D2
D4
D3
0.5 dB
CLK
DATA
Data Word
Latched into
Active Register
LSB
D7
0.25 dB
1
2
3
4
5
6
7
8
9
1 dB
2 dB
4 dB
8 dB
16 dB
MSB
X
D6
RSV
LE
VMODE
Spec
Interval
A
B
C
Time
Default Register Settings
1
0
1
1
1
1
1
1
D7
D6
D2
D5
D3
D4
RSV
D0
MSB
D1
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com