Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTK3420 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK3420
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK3420 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK3420 Datasheet HTML 1Page - First Silicon Co., Ltd FTK3420 Datasheet HTML 2Page - First Silicon Co., Ltd FTK3420 Datasheet HTML 3Page - First Silicon Co., Ltd FTK3420 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2015. 01. 27
3/4
FTK3420
Revision No : 0
Typical Characteristics
0
1
2
3
4
5
0
5
10
15
20
0
2
4
6
8
10
0
20
40
60
80
0.2
0.4
0.6
0.8
1.0
1E-3
0.01
0.1
1
01
2
3
4
0
5
10
15
20
25
50
75
100
125
0.6
0.7
0.8
0.9
0
2
4
6
8
10
0
20
40
60
80
V
GS
=4.5V
4V
3 5V
3V
2 5V
2V
V
GS
=1 5V
Ta=25℃
Pulsed
Output Characteristics
DRAIN TO SOURCE VOLTAGE
V
DS
(V)
I
D
=6A
Ta=25℃
Pulsed
V
GS
——
R
DS(ON)
GATE TO SOURCE VOLTAGE
V
GS
(V)
V
SD
I
S
——
Ta=25℃
Pulsed
SOURCE TO DRA N VOLTAGE
V
SD
(V)
V
DS
=5V
Ta=25℃
Pulsed
Transfer Characteristics
GATE TO SOURCE VOLTAGE
V
GS
(V)
Threshold Voltage
I
D
=250uA
JUNCTION TEMPERATURE
T
J
(
)
V
GS
=1.8V
V
GS
=2 5V
V
GS
=4 5V
V
GS
=10V
I
D
——
R
DS(ON)
Ta=25℃
Pulsed
DRA N CURRENT
I
D
(A)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com