Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP47C201P Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TMP47C201P
Description  CMOS 4-bit Microcontroller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP47C201P Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TMP47C201P Datasheet HTML 1Page - Toshiba Semiconductor TMP47C201P Datasheet HTML 2Page - Toshiba Semiconductor TMP47C201P Datasheet HTML 3Page - Toshiba Semiconductor TMP47C201P Datasheet HTML 4Page - Toshiba Semiconductor TMP47C201P Datasheet HTML 5Page - Toshiba Semiconductor TMP47C201P Datasheet HTML 6Page - Toshiba Semiconductor TMP47C201P Datasheet HTML 7Page - Toshiba Semiconductor TMP47C201P Datasheet HTML 8Page - Toshiba Semiconductor TMP47C201P Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2/32
TOSHIBA CORPORATION
TMP47C101/201
Pin Assignment (Top View)
Pin Function
Pin Name
Input/Output
Functions
R43 to R40
I/O
4-bit I/O port with latch.
When used as input port, the latch must be set to “1”.
Every bit data is possible to be set, cleared and tested by the bit manipulation
instruction of the L-register indirect addressing.
R53 to R50
R81 (T2)
I/O (Input)
2-bit I/O port with latch.
When used as input port, external interrupt pin, or timer/counter
external input pin, the latch must be set to “1”.
Timer/Counter 2 external input
R80 (INT2)
External interrupt 2 input
XIN
Input
Resonator connecting pins,
For inputting external clock, XIN is used and XOUT is opened.
XOUT
Output
RESET
Input
Reset signal input
HOLD (INT1)
I/O (Input)
Hold request/release signal input
External interrupt 1 input and R82 I/O
VDD
Power Supply
+5 V
VSS
OV (GND)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com