Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19432160271 Datasheet(PDF) 1 Page - HARTING Technology Group

Part # 19432160271
Description  Han-Eco 16B Outd-HSM2-with DL-M25
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

19432160271 Datasheet(HTML) 1 Page - HARTING Technology Group

  19432160271 Datasheet HTML 1Page - HARTING Technology Group 19432160271 Datasheet HTML 2Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
19 43 216 0271
Han-Eco 16B Outd-HSM2-with DL-M25
Han-Eco 16B Outd-HSM2-with DL-M25
Part number
19 43 216 0271
Specification
Han-Eco 16B Outd-HSM2-with DL-M25
HARTING eCatalogue
https://b2b.harting.com/19432160271
Identification
Category
Hoods/Housings
Series of hoods/housings
Han-Eco® B
Type of hood/housing
Surface mounted housing
Version
Locking type
Double locking lever
Size
16 B
Version
Side entry
Cable entry
2x M25
Technical characteristics
Limiting temperature
-40 ... +125 °C
Number of relockings
≥500
Degree of protection acc. to IEC 60529
IP66
Material properties
Material (hood/housing)
Polyamide (PA)
Fibre-glass reinforced
Colour (hood/housing)
RAL 9005 (jet black)
Material (seal)
FPM
Colour (seal)
RAL 7001 (silver-grey)
Material (locking)
Polyamide (PA)
Fibre-glass reinforced
Colour (locking)
RAL 9005 (jet black)
Material flammability class acc. to UL 94
V-0
Page 1 / 2 | Creation date 2020-03-26 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to
the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electric GmbH & Co. KG | Wilhelm-Harting-Straße 1 | 32339 Espelkamp | Germany
Phone +49 5772 47-97100 | electric@HARTING.com | www.HARTING.com


Similar Part No. - 19432160271

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
19432160272 HARTING-19432160272 Datasheet
439Kb / 2P
Han-Eco 16B Outd-HSM2-with DL-M32
19432160273 HARTING-19432160273 Datasheet
439Kb / 2P
Han-Eco 16B Outd-HSM2-with DL-M40
More results

Similar Description - 19432160271

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
19-43-016-0271 HARTING-19-43-016-0271 Datasheet
479Kb / 2P
Han-Eco 16B-HSM2-with DL-M25
19-43-016-0266 HARTING-19-43-016-0266 Datasheet
474Kb / 2P
Han-Eco 16B-HSM2-for DL-M25 with cover
19-43-210-0271 HARTING-19-43-210-0271 Datasheet
479Kb / 2P
Han-Eco 10B Outd-HSM2-with DL-M25
19-43-216-0291 HARTING-19-43-216-0291 Datasheet
483Kb / 2P
Han-Eco 16B Outd-HSM2-with SL-M25
19-43-216-0273 HARTING-19-43-216-0273 Datasheet
439Kb / 2P
Han-Eco 16B Outd-HSM2-with DL-M40
19-43-216-0272 HARTING-19-43-216-0272 Datasheet
439Kb / 2P
Han-Eco 16B Outd-HSM2-with DL-M32
19-43-216-0231 HARTING-19-43-216-0231 Datasheet
439Kb / 2P
Han-Eco 16B Outd-HSM1-with DL-M25
19-43-224-0271 HARTING-19-43-224-0271 Datasheet
481Kb / 2P
Han-Eco 24B Outd-HSM2-with DL-M25
19-43-316-0271 HARTING-19-43-316-0271 Datasheet
528Kb / 2P
Han-Eco 16B Outd-HSM2-w. DL-M25-glanded
19-43-116-0271 HARTING-19-43-116-0271 Datasheet
593Kb / 2P
Han-Eco 16B-HSM2-with DL-M25-glanded
2021-10-01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com