Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP47P201 Datasheet(PDF) 15 Page - Toshiba Semiconductor

Part # TMP47P201
Description  CMOS 4-bit Microcontroller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP47P201 Datasheet(HTML) 15 Page - Toshiba Semiconductor

Back Button TMP47P201 Datasheet HTML 11Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 12Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 13Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 14Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 15Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 16Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 17Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 18Page - Toshiba Semiconductor TMP47P201 Datasheet HTML 19Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
TOSHIBA CORPORATION
15/32
TMP47C101/201
Figure 2-19. Level-Sensitive Release Mode
b. Edge-sensitive release (clock) mode
In this mode, the hold operation is released at the ris-
ing edge of the HOLD pin input. This mode is used for
applications in which a relatively short-time program
processing is repeated at a certain cycle. This cyclic
signal (for example, the clock supplied from the low
power dissipation oscillator). In the edge-sensitive
mode, even if the HOLD pin input is high, the hold
operation is performed.
Example: To start the hold operation in the edge-sen-
sitive release mode (the warm-up time =
214/fc).
LD
A, #0101B ;
OP10
←0101
B
OUT A, %OP10
Figure 2-20. Edge-Sensitive Release Mode
Note 1:
In the hold operation, the dissipation of the power associated with
the oscillator and the internal hardware is lowered; however, the
power dissipation associated with the pin interface (depending on
the external circuitry and program) is not directly determined by the
hardware operation of the hold feature. This point should be con-
sidered in the system design and the interface circuit design.
Note 2:
In the CMOS circuitry, a current does not flow when the input level
is stable at the power voltage level (VDD/VSS): however, when the
input level gets higher than the power voltage level (by approxi-
mately 0.3 to 0.5 V), a current begins to flow. Therefore, if cutting
off the output transistor at an I/O port (the open drain output pin
with an input transistor connected) puts the pin signal into the
high-impedance state, a current flows across the ports input tran-
sistor, requiring to fix the level by pull-up or other means.
(2)
Releases Hold Operating Mode
The hold operating mode is released in the following
sequence:
Œ The oscillator starts
 Warm-up is performed to acquire the time for stabi-
lizing oscillation. During the warm-up, the internal
operations are all stopped. One of three warm-up
times can be selected by program depending on
the characteristics of the oscillator used.
Ž When the warm-up time has passed, an ordinary
operation restarts from the instruction next to the
instruction which starts the hold operation. At this
time, the interval timer starts from the reset state
“0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com