Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTK4060K Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK4060K
Description  N-Channel Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4060K Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK4060K Datasheet HTML 1Page - First Silicon Co., Ltd FTK4060K Datasheet HTML 2Page - First Silicon Co., Ltd FTK4060K Datasheet HTML 3Page - First Silicon Co., Ltd FTK4060K Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2017. 10. 10
2/4
FTK4060K
Revision No : 0
ELECTRICAL CHARACTERISTICS(Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Off characteristics
Drain-source breakdown voltage
(BR) DSS
VGS = 0V, ID =250µA
40
V
Zero gate voltage drain current
DSS
VDS =40V, VGS =0V
1
µA
Gate-body leakage current
GSS
VDS =0V, VGS =±20V
±100
nA
On characteristics (note1)
V
e
g
a
t
l
o
v
d
l
o
h
s
e
r
h
e-t
t
a
G
GS(th)
VDS =VGS, ID =250µA
1.2
2.5
V
VGS =10V, ID=20A
13
mΩ
Static drain-source on-sate resistance
DS(on)
VGS =4.5V, ID=20A
20
mΩ
g
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
t
d
r
a
w
r
o
F
FS
VDS =10V, ID =20A
15
S
Dynamic characteristics (note 2)
C
e
c
n
a
t
i
c
a
p
a
c
t
u
p
n
I
iss
1800
C
e
c
n
a
t
i
c
a
p
a
c
t
u
p
t
u
O
oss
280
Reverse transfer capacitance
rss
VDS =20V,VGS =0V,
f =1MHz
190
pF
Switching characteristics (note 2)
Q
e
g
r
a
h
c
e
t
a
g
l
a
t
o
T
g
29
Q
e
g
r
a
h
c
e
c
r
u
o
s
-
e
t
a
G
gs
4.5
Q
e
g
r
a
h
c
n
i
a
r
d
-
e
t
a
G
gd
VDS=20V, VGS=10V,
ID=20A
6.4
nC
t
e
m
i
t
y
a
l
e
d
n
o
-
n
r
u
T
d(on)
6.4
t
e
m
i
t
e
s
i
r
n
o
-
n
r
u
T
r
17.2
t
e
m
i
t
y
a
l
e
d
f
f
o
-
n
r
u
T
d(off)
29.6
t
e
m
i
t
ll
a
f
f
f
o
-
n
r
u
T
f
VDD=20V,ID=2A,
VGS=10V,RG=3Ω,
RL=1Ω
16.8
ns
Drain-Source Diode Characteristics
Drain-source diode forward voltage(note1)
SD
VGS =0V, IS=10A
1.2
V
Continuous drain-source diode forward
current
IS
60
A
Pulsed drain-source diode forward current
SM
240
A
Notes:
1.
Pulse Test : Pulse Width≤300µs, duty cycle ≤2%.
2.
Guaranteed by design, not subject to production.
V
I
I
R
C
V
I
45
1.6
7.3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com