Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW8A2SD Datasheet(PDF) 10 Page - Seoul Semiconductor

Part # STW8A2SD
Description  Mid-Power LED -3528 Series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW8A2SD Datasheet(HTML) 10 Page - Seoul Semiconductor

Back Button STW8A2SD Datasheet HTML 6Page - Seoul Semiconductor STW8A2SD Datasheet HTML 7Page - Seoul Semiconductor STW8A2SD Datasheet HTML 8Page - Seoul Semiconductor STW8A2SD Datasheet HTML 9Page - Seoul Semiconductor STW8A2SD Datasheet HTML 10Page - Seoul Semiconductor STW8A2SD Datasheet HTML 11Page - Seoul Semiconductor STW8A2SD Datasheet HTML 12Page - Seoul Semiconductor STW8A2SD Datasheet HTML 13Page - Seoul Semiconductor STW8A2SD Datasheet HTML 14Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
www.seoulsemicon.com
Product Data Sheet
STW8A2SD
– Mid-Power LED
10
Rev1.4, Aug 24. 2020
Color Bin Structure
Table 5. Bin Code description, T
j=25℃, IF=100mA
*Notes :
(1) K29 rank is only for F CCT.
(2) Calculated performance values are for reference only.
•
All measurements were made under the standardized environment of Seoul Semiconductor.
In order to ensure availability, single color rank will not be orderable.
Table 6. Intensity rank distribution
Available ranks
Part Number
Luminous Intensity (cd)
Color Chromaticity
Coordinate
Typical Forward Voltage (V)
Bin
Code
Min.
Max.
Bin
Code
Min.
Max.
STW8A2SD
K26
26.0
27.0
Refer to page.12
Z58
5.8
6.0
K27
27.0
28.0
K28
28.0
30.0
Z60
6.0
6.2
K29
29
30.0
L30
30.0
32.0
Z62
6.2
6.4
L32
32.0
34.0
CCT
CIE
IV Rank
6000- 7000K
A
K26
K27
K28
L30
L32
5300- 6000K
B
K26
K27
K28
L30
L32
4700 ~ 5300K
C
K26
K27
K28
L30
L32
4200 ~ 4700K
D
K26
K27
K28
L30
L32
3700 ~ 4200K
E
K26
K27
K28
L30
L32
3200 ~ 3700K
F
K26
K27
K28
K29
L30
L32
2900 ~ 3200K
G
K26
K27
K28
L30
L32
2600 ~ 2900K
H
K26
K27
K28
L30
L32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com