Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSHR41DL2 Datasheet(PDF) 13 Page - Seoul Semiconductor

Part # SSHR41DL2
Description  Side View LED
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSHR41DL2 Datasheet(HTML) 13 Page - Seoul Semiconductor

Back Button SSHR41DL2 Datasheet HTML 9Page - Seoul Semiconductor SSHR41DL2 Datasheet HTML 10Page - Seoul Semiconductor SSHR41DL2 Datasheet HTML 11Page - Seoul Semiconductor SSHR41DL2 Datasheet HTML 12Page - Seoul Semiconductor SSHR41DL2 Datasheet HTML 13Page - Seoul Semiconductor SSHR41DL2 Datasheet HTML 14Page - Seoul Semiconductor SSHR41DL2 Datasheet HTML 15Page - Seoul Semiconductor SSHR41DL2 Datasheet HTML 16Page - Seoul Semiconductor SSHR41DL2 Datasheet HTML 17Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
www.seoulsemicon.com
Product Data Sheet
SSHR41DL2 –Side View LED
14
Rev1.0, November 22, 2019
Color Bin Structure
Table 6. Bin Code Description
Part Number : SSHR41DL2
Bin Code
Luminous Flux
Color Rank
Wp
Forward Voltage
W675
Z0
A
Z27
Luminous Flux(lm)
@ IF = 20mA
Bin Code
Min.
Max.
W675
6.75
7.00
W700
7.00
7.25
W725
7.25
7.50
W750
7.50
7.75
W775
7.75
8.00
Forward Voltage(V)
@ IF = 20mA
Bin Code
Min.
Max.
Z27
2.70
2.90
Z29
2.90
3.10
Wp(nm)
@ IF = 20mA
Bin Code
Min.
Max.
A
447
452
Z
445
450
Y
442
447
Color Rank
@ IF = 20mA
Bin Code
Z0
Z1
Z2
A0
A1
A2
B0
B1
B2
C0
C1
C2
D0
D1
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com